Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1545 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC1545
Description  500mA SmartLDOTM With Power Up Signal Sequencing
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1545 Datasheet(HTML) 7 Page - Semtech Corporation

  SC1545 Datasheet HTML 1Page - Semtech Corporation SC1545 Datasheet HTML 2Page - Semtech Corporation SC1545 Datasheet HTML 3Page - Semtech Corporation SC1545 Datasheet HTML 4Page - Semtech Corporation SC1545 Datasheet HTML 5Page - Semtech Corporation SC1545 Datasheet HTML 6Page - Semtech Corporation SC1545 Datasheet HTML 7Page - Semtech Corporation SC1545 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
500mA SmartLDO
TM With Power Up
Signal Sequencing
SC1545
PRELIMINARY - January 17, 2000
7
Signal sequencing for the second possible sequence is shown in Figure 3. BF_CUT goes from LOW to HIGH and
SLP goes from HIGH to LOW, 30µsec to 65µsec (T3) later. When BF_CUT goes HIGH, PDR and NDR go LOW
and the 2.5V LDO turns ON. When SLP goes LOW, PDR and NDR return to HIGH and the 2.5V LDO turns OFF.
BF_CUT will stay HIGH and SLP will stay low for an undetermined time, after which SLP will go HIGH. A minimum
of 1msec (T4) later, BF_CUT will go LOW and the system is back at the end of the power up sequence. Typical
measured values of T4 are ~250msec. During all transitions, the propagation delays, rise and fall times, and going
into regulation times for PDR, NDR and 2.5V LDO are described in Electrical Characteristics on page 3. The sec-
ond sequence can start at any time after the end of the power up sequence.
TIMING DIAGRAMS (Cont.)
After power up, there are two possible signal sequences that the device will see. The first sequence is with SLP
staying HIGH and BF_CUT transitioning from LOW to HIGH, remaining HIGH for an undetermined period and then
going back to LOW. At this point, the system state is back to where it was at the end of the power up sequence.
The sequence is shown in Figure 2 (below). During these BF_CUT transitions, the propagation delays, rise and fall
times and going into regulation times for PDR, NDR and VO are described in Electrical Characteristics on page 3.
The first sequence can start at any time after the end of the power up sequence.
Figure 2: 1st Sequence Timing
Figure 3: 2nd Sequence Timing



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com