Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1545 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1545
Description  500mA SmartLDOTM With Power Up Signal Sequencing
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1545 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1545 Datasheet HTML 1Page - Semtech Corporation SC1545 Datasheet HTML 2Page - Semtech Corporation SC1545 Datasheet HTML 3Page - Semtech Corporation SC1545 Datasheet HTML 4Page - Semtech Corporation SC1545 Datasheet HTML 5Page - Semtech Corporation SC1545 Datasheet HTML 6Page - Semtech Corporation SC1545 Datasheet HTML 7Page - Semtech Corporation SC1545 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
500mA SmartLDO
TM With Power Up
Signal Sequencing
SC1545
PRELIMINARY - January 17, 2000
4
BLOCK DIAGRAM
PIN DESCRIPTION
Pin
Pin Name Pin Function
1
VO
LDO 2.5V output.
2
GND
Logic and power ground.
3
PDR
Gate drive signal for P-channel MOSFETs.
4
NDR
Gate drive signal for N-channel MOSFETs.
5
SLP
Control input #1.
6
BF_CUT
Control input #2.
7
12VIN
+12V input supply. Used for generating NDR only.
8
5VSTBY
+5V input supply.
PIN CONFIGURATION
Top View
SOIC-8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com