Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1565 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC1565
Description  VERY LOW DROPOUT 1.5 AMP REGULATOR WITH ENABLE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1565 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC1565 Datasheet HTML 2Page - Semtech Corporation SC1565 Datasheet HTML 3Page - Semtech Corporation SC1565 Datasheet HTML 4Page - Semtech Corporation SC1565 Datasheet HTML 5Page - Semtech Corporation SC1565 Datasheet HTML 6Page - Semtech Corporation SC1565 Datasheet HTML 7Page - Semtech Corporation SC1565 Datasheet HTML 8Page - Semtech Corporation SC1565 Datasheet HTML 9Page - Semtech Corporation SC1565 Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
VERY LOW DROPOUT 1.5 AMP
REGULATOR WITH ENABLE
SC1565
October 3, 2000
7
TYPICAL CHARACTERISTICS (Cont.)
0
1
2
3
4
5
6
7
8
9
10
-50
-25
0
25
50
75
100
125
150
TJ (°C)
VIN = 5.5V
Off-State Quiescent Current vs.
Junction Temperature
500
510
520
530
540
550
560
570
580
590
600
-50
-25
0
25
50
75
100
125
150
TJ (°C)
VIN = 3.3V
Quiescent Current vs.
Junction Temperature
APPLICATIONS INFORMATION
Introduction
The SC1565 is intended for applications such as
graphics cards where high current capability and very
low dropout voltage are required. It provides a very
simple, low cost solution that uses very little pcb real
estate. Additional features include an enable pin to al-
low for a very low power consumption standby mode,
and a fully adjustable output.
Component Selection
Input capacitor - a 4.7µF ceramic capacitor is recom-
mended. This allows for the device being some dis-
tance from any bulk capacitance on the rail. Addition-
ally, input droop due to load transients is reduced, im-
proving load transient response. Additional capaci-
tance may be added if required by the application.
Output capacitor - a minimum bulk capacitance of
10µF, along with a 0.1µF ceramic decoupling capacitor
is recommended. Increasing the bulk capacitance will
improve the overall transient response. The use of
multiple lower value ceramic capacitors in parallel to
achieve the desired bulk capacitance will not cause
stability issues. Although designed for use with ce-
ramic output capacitors, the SC1565 is extremely toler-
ant of output capacitor ESR values and thus will also
work comfortably with tantalum output capacitors.
External voltage selection resistors - the use of 1% re-
sistors, and designing for a current flow
≥ 10µA is rec-
ommended to ensure a well regulated output (thus R2
≤ 120kΩ).
Thermal Considerations
The power dissipation in the SC1565 is approximately
equal to the product of the output current and the input
to output voltage differential:
The absolute worst-case dissipation is given by:
For a typical scenario, VIN = 3.3V ± 5%, VOUT = 2.8V
and I
O = 1.5A, therefore:
VIN
(MAX) = 3.465V, VOUT(MIN) = 2.744V and
I
Q(MAX) = 1.75mA,
Thus P
D(MAX) = 1.09W .
Using this figure, and assuming T
A(MAX) = 70°C, we can
calculate the maximum thermal impedance allowable
to maintain T
J ≤ 150°C:
This should be achievable for the SO-8 package using
pcb copper area to aid in conducting the heat away,
such as one square inch of copper connected to the
ground pins of the device. The SOT-223 and TO-220
packages would not require heatsinking. Internal
ground/power planes and air flow will also assist in re-
moving heat. For higher ambient temperatures it may
be necessary to use additional copper area.
()
O
D
I
VOUT
VIN
P
•
−
≈
(
)
)
MAX
(
Q
)
MAX
(
)
MAX
(
O
)
MIN
(
)
MAX
(
)
MAX
(
D
I
VIN
I
VOUT
VIN
P
•
+
•
−
=
() ()
R
TT
P
CW
TH J A MAX
JMAX
A MAX
DMAX
()(
)
()
()
()
.
./
−
=
−
=
−
=°
150
70
109
73 4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com