Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1565 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1565
Description  VERY LOW DROPOUT 1.5 AMP REGULATOR WITH ENABLE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1565 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1565 Datasheet HTML 1Page - Semtech Corporation SC1565 Datasheet HTML 2Page - Semtech Corporation SC1565 Datasheet HTML 3Page - Semtech Corporation SC1565 Datasheet HTML 4Page - Semtech Corporation SC1565 Datasheet HTML 5Page - Semtech Corporation SC1565 Datasheet HTML 6Page - Semtech Corporation SC1565 Datasheet HTML 7Page - Semtech Corporation SC1565 Datasheet HTML 8Page - Semtech Corporation SC1565 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
VERY LOW DROPOUT 1.5 AMP
REGULATOR WITH ENABLE
SC1565
October 3, 2000
1
Volts
R2
R2)
(R1
1.200
VO
+
=
FEATURES
•= 350mV dropout @ 1.5A
•= Adjustable output from 1.2V to 4.8V(1)
•= 2.5V and 1.8V options (adjustable externally using
resistors)
(1)
•= Over current and over temperature protection
•= Enable pin(1)
•= 10µA quiescent current in shutdown(1)
•= Low reverse leakage (output to input)
•= Surface mount and through-hole packages
•= Full industrial temperature range
Note:
(1) SO-8 and TO-220-5L packages only.
DESCRIPTION
The SC1565 is a high performance positive voltage
regulator designed for use in applications requiring very
low dropout voltage at up to 1.5 Amps. Since it has
superior dropout characteristics compared to regular
LDOs, it can be used to supply 2.5V on motherboards
or 2.8V on peripheral cards from the 3.3V supply thus
allowing
the
elimination
of
costly
heatsinks.
Additionally, the 5-lead TO-220 and SO-8 versions
have an enable pin to further reduce power dissipation
while shut down.
The SC1565 provides excellent
regulation over variations in line, load and temperature.
The SC1565 is available in the popular SO-8 surface
mount package with two internally preset output voltage
options, which are also adjustable using external
resistors. Also available are 5-lead and 3-lead TO-220
2.5V options (fixed output only for the 3-lead option)
and fixed output SOT-223 options.
APPLICATIONS
•= Battery powered systems
•= Motherboards
•= Peripheral cards
•= PCMCIA cards
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
ORDERING INFORMATION
Notes:
(1) Where -X.X denotes voltage options. Available
voltages are: 2.5V and 1.8V. Output voltage can be ad-
justed (except SOT-223 and TO-220-3) using external
resistors, see Pin Description.
(2) Only available in tape and reel packaging. A reel
contains 2500 devices.
(3) Only available in tube packaging (no suffix re-
quired).
DEVICE
(1)
PACKAGE
SC1565IS-X.X.TR
(2)
SO-8
SC1565IST-X.X.TR
(2)
SOT-223
SC1565IT-X.X
(3)
TO-220-3
SC1565I5T-X.X
(3)
TO-220-5
TYPICAL APPLICATIONS
VIN
VO
ENABLE
U1
SC1565IS-X.X
1
2
3
4
5
6
7
8
EN
VIN
VO
ADJ
GND
GND
GND
GND
C1
C2
R1
R2
VIN
VO
ENABLE
U1
SC1565IS-X.X
1
2
3
4
5
6
7
8
EN
VIN
VO
ADJ
GND
GND
GND
GND
C1
C2
VIN
VO
C2
C1
U1
SC1565IT-2.5V and SC1565IST-X.X
1
2
3
VIN
GND
VO
VIN
ENABLE
VO
C1
C2
R1
R2
U1
SC1565I5T-2.5
2
1
3
5
4
VIN
EN
GND
ADJ
VO
Notes:
(1) Maximum VO setpoint for 1.8V parts = 5.4V.
(2) This device is designed to operate with ceramic input and output capacitors.
Volts
R2
R2)
(R1
1.200
VO
+
=


Similar Part No. - SC1565

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1565 SEMTECH-SC1565 Datasheet
289Kb / 14P
Very Low Dropout 1.5 Amp Regulator With Enable
SC1565 SEMTECH-SC1565 Datasheet
272Kb / 14P
Very Low Dropout 1.5 Amp Regulator With Enable
logo
Samtec, Inc
SC1565I5M-1.8TRT SAMTEC-SC1565I5M-1.8TRT Datasheet
270Kb / 14P
Very Low Dropout 1.5 Amp Regulator With Enable
logo
Semtech Corporation
SC1565I5M-X.XTR SEMTECH-SC1565I5M-X.XTR Datasheet
289Kb / 14P
Very Low Dropout 1.5 Amp Regulator With Enable
SC1565I5M-X.XTR SEMTECH-SC1565I5M-X.XTR Datasheet
272Kb / 14P
Very Low Dropout 1.5 Amp Regulator With Enable
More results

Similar Description - SC1565

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1566 SEMTECH-SC1566 Datasheet
224Kb / 9P
Very Low Dropout 3.0 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A_07 Datasheet
224Kb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC1565 SEMTECH-SC1565_05 Datasheet
289Kb / 14P
Very Low Dropout 1.5 Amp Regulator With Enable
SC1566 SEMTECH-SC1566_05 Datasheet
254Kb / 12P
Very Low Dropout 3.0 Amp Regulator With Enable
SC4205 SEMTECH-SC4205 Datasheet
218Kb / 8P
Very Low Dropout 1 Amp Regulator With Enable
SC1565 SEMTECH-SC1565_09 Datasheet
272Kb / 14P
Very Low Dropout 1.5 Amp Regulator With Enable
SC4215H SEMTECH-SC4215H Datasheet
1Mb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4216 SEMTECH-SC4216_09 Datasheet
1Mb / 9P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
logo
Samtec, Inc
SC1565I5M-1.8TRT SAMTEC-SC1565I5M-1.8TRT Datasheet
270Kb / 14P
Very Low Dropout 1.5 Amp Regulator With Enable
SC1566I5M2.5TRT SAMTEC-SC1566I5M2.5TRT Datasheet
256Kb / 12P
Very Low Dropout 3.0 Amp Regulator With Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com