Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1565 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1565
Description  VERY LOW DROPOUT 1.5 AMP REGULATOR WITH ENABLE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1565 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1565 Datasheet HTML 1Page - Semtech Corporation SC1565 Datasheet HTML 2Page - Semtech Corporation SC1565 Datasheet HTML 3Page - Semtech Corporation SC1565 Datasheet HTML 4Page - Semtech Corporation SC1565 Datasheet HTML 5Page - Semtech Corporation SC1565 Datasheet HTML 6Page - Semtech Corporation SC1565 Datasheet HTML 7Page - Semtech Corporation SC1565 Datasheet HTML 8Page - Semtech Corporation SC1565 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
VERY LOW DROPOUT 1.5 AMP
REGULATOR WITH ENABLE
SC1565
October 3, 2000
4
PIN DESCRIPTIONS
Pin Name
Pin Functiom
ADJ
This pin, when grounded, sets the output voltage to that set by the internal feedback resistors. If ex-
ternal feedback resistors are used, the output voltage will be (See Application Circuit):
EN
Enable Input. Pulling this pin below 0.4V turns the regulator off, reducing the quiescent current to a
fraction of its operating value. The device will be enabled if this pin is left open. Connect to VIN if not
being used.
GND
Reference ground. Use all four pins on the SO-8 device for heatsinking. Use the tab on the TO-220
devices for heatsinking.
VIN
Input voltage. For regulation at full load, the input to this pin must be between (VO + 0.7V) and 5.5V.
Minimum VIN = 2.2V.
VO
This pin is the power output of the device.
Volts
R2
R2)
(R1
1.200
VO
+
=
*
*
BLOCK DIAGRAM
* Not on 3-lead TO-220



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com