Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1565 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1565
Description  VERY LOW DROPOUT 1.5 AMP REGULATOR WITH ENABLE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1565 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1565 Datasheet HTML 1Page - Semtech Corporation SC1565 Datasheet HTML 2Page - Semtech Corporation SC1565 Datasheet HTML 3Page - Semtech Corporation SC1565 Datasheet HTML 4Page - Semtech Corporation SC1565 Datasheet HTML 5Page - Semtech Corporation SC1565 Datasheet HTML 6Page - Semtech Corporation SC1565 Datasheet HTML 7Page - Semtech Corporation SC1565 Datasheet HTML 8Page - Semtech Corporation SC1565 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
VERY LOW DROPOUT 1.5 AMP
REGULATOR WITH ENABLE
SC1565
October 3, 2000
2
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Max
Units
Input Voltage
V
IN
5.5
V
Power Dissipation
P
D
Internally Limited
W
Thermal Resistance Junction to Ambient
SO-8
(1)
SOT-223
TO-220-X
θ
JA
65
63
50
°C/W
Thermal Resistance Junction to Case
SO-8
SOT-223
TO-220-X
θ
JC
39
27
3
°C/W
Operating Ambient Temperature Range
T
A
-40 to 85
°C
Operating Junction Temperature Range
T
J
-40 to 150
°C
Storage Temperature Range
T
STG
-65 to 150
°C
Lead Temperature (Soldering) 10 Sec.
T
LEAD
300
°C
ESD Rating (Human body model)
ESD
4
kV
Note:
(1) 1 square inch of FR-4, double sided, 1 oz. minimum copper weight.
ELECTRICAL CHARACTERISTICS
Unless specified: V
EN = VIN
Adjustable Option (V
ADJ > VTH(ADJ)): VIN = 2.2 to 5.5V and IO = 10µA to 1.5A
Fixed Options (V
ADJ = GND): VIN = (VO + 0.7V) to 5.5V and IO = 0A to 1.5A
Values in bold apply over the full operating temperature range.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VIN
Supply Voltage Range
VIN
2.2
5.5
V
Quiescent Current
I
Q
V
IN = 3.3V
0.75
1.75
mA
V
IN = 5.5V, VEN = 0V
10
35
µA
VO
Output Voltage
(1)
V
O
V
IN = VO + 0.7V, IO = 10mA
0.99V
O
V
O
1.01V
O
V
(Internal Fixed Voltage)
0.98V
O
V
O
1.02V
O
Line Regulation
(1)
REG
(LINE)
V
IN = (VO + 0.25V) to 5.5V, IOUT = 10mA
0.035
0.3
%
Load Regulation
(1)
REG
(LOAD)
V
IN = VO + 0.7V
0.2
0.4
%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com