Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SJ1117-API Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # SJ1117-API
Description  Adjustable and Fixed Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SJ1117-API Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  SJ1117-API Datasheet HTML 1Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 2Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 3Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 4Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 5Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 6Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 7Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 8Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
KSD-I0T005-008
4
SJ1117xxx
◈ Absolute Maximum Ratings
[Ta=25
°C]
Characteristic
Symbol
Rating
Unit
Input voltage
VI
16
V
PD1(Note1)
0.4
SOT-89
PD2(Note2)
0.5
PD1(Note1)
1.0
SOT-223
PD2(Note2)
1.4
PD1(Note1)
1.4
TO-252
PD2(Note2)
2.7
PD1(Note1)
2.0
Power Dissipation
TO-220F-3L
PD2(Note3)
24
W
Junction Temperature
TJ
150
℃
Operating temperature range
Topr
-40 ~ +125
℃
Storage temperature range
Tstg
-55 ~ +150
℃
Note 1 : TA=25℃(No Heat sink)
Note 2 : Mounted on a glass epoxy PCB board (25.4 × 25.4mm).
Note 3 : TC=25℃(Used Heat sink)
◈ Recommended Operating Conditions
Characteristic
Symbol
Min.
Max.
Unit
Input voltage
VI
VO+1.5V
VO+7V
V
Output current
IO
10
1000
mA
◈ Safe Operating Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com