Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SJ1117-API Datasheet(PDF) 10 Page - KODENSHI_AUK CORP.

Part # SJ1117-API
Description  Adjustable and Fixed Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SJ1117-API Datasheet(HTML) 10 Page - KODENSHI_AUK CORP.

Back Button SJ1117-API Datasheet HTML 6Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 7Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 8Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 9Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 10Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 11Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 12Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 13Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 14Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
KSD-I0T005-008
10
SJ1117xxx
◈ Application Note
Thermal Considerations
SJ1117 series regulator have internal thermal limiting circuitry designed to protect the device during
overload conditions. For continuous normal load conditions however, the maximum junction temperature
rating of 125℃ must not be exceeded.
The thermal resistance for each application will be affected by thermal interactions with other
components on the board. Some experimentation will be necessary to determine the actual value.
Calculation
Power Dissipation : PD = (VIN – VOUT) x (IOUT)
Maximum junction temperature : TJ=TA(MAX)+PD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com