Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SJ1117-API Datasheet(PDF) 9 Page - KODENSHI_AUK CORP.

Part # SJ1117-API
Description  Adjustable and Fixed Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SJ1117-API Datasheet(HTML) 9 Page - KODENSHI_AUK CORP.

Back Button SJ1117-API Datasheet HTML 5Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 6Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 7Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 8Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 9Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 10Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 11Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 12Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 13Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
KSD-I0T005-008
9
SJ1117xxx
◈ Application Note
Load Regulation
Load regulation will be limited by the resistance of the wire connecting the regulator to the load. The
specification for load regulation is measured at the output pin of the device. Negative side sensing is a
true Kelvin connection, with the bottom of the output divider returned to the negative side of the load.
Although it may not be immediately obvious, best load regulation is obtained when the top of the resistor
divider (R1) is returned directly to the output pin of the device(See Fig.10).
For example, a 5V regulator with 0.05Ω resistance(Rp) between the regulator and load will have a load
regulation due to line resistance of (Rp x IL). If R1 is connected near the load, the effective line resistance
will be Rp (1+R2/R1) or in this case, it is 4 times worse. In addition, the ground side of the resistor R2
can be returned near the ground of the load to provide remote ground sensing and improve load regulation.
Protection Diodes
Diodes between input and output are not usually needed. The internal diode between the output and input
pins of the device can withstand microsecond surge currents of 10A to 20A. Normal power supply
cycling can not generate currents of this magnitude. Only with extremely large output capacitors, such as
1000μF and larger, and with the input pin
instantaneously shorted to ground can damage
occur. A crowbar circuit at the input of the
SJ1117 in combination with a large output
capacitor could generate currents large
enough to cause damage. In this case a diode
from output to input is recommended,
as shown in Figure 11.
Fig.14 Connections for Best Load Regulation
Fig.15 Protection Diodes
SJ1117
IN
OUT
ADJ
VIN
VOUT
+
100uF
1N4002
(OPTIONAL)
COUT
R1
R2
+
10uF
CADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com