Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL460 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GL460
Description  Double Ended Mold Type Infrared Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL460 Datasheet(HTML) 1 Page - Sharp Corporation

  GL460 Datasheet HTML 1Page - Sharp Corporation GL460 Datasheet HTML 2Page - Sharp Corporation GL460 Datasheet HTML 3Page - Sharp Corporation GL460 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
*1 Pulse width
100
µ s, Duty ratio = 0.01
bottom face of resin package.
GL460/GL461
GL460/GL461
1. Small double-end type package
s Applications
1. Floppy disk drives
2. VCRs
3. Audio equipment
0.7
0.5
GL460 None
Mark
2.5
1.6
1.0
0.25
Radiant flux
Parameter
Forward voltage
Peak forward voltage
Reverse current
Response frequency
Peak emission wavelength
Half intensity wavelength
Half intensity angle
GL460
GL461
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
V F
IF= 20mA
-
1.2
1.5
V
V FM
IFM = 0.5A
-
2.2
4.0
V
IR
V R=3V
-
-
10
µ A
Ct
V R= 0V, f= 1MHz
-
20
-
pF
fc
-
-
300
-
kHz
Φ eIF= 20mA
1.0
-
4.0
mW
1.8
-
7.2
λ P
IF= 5mA
-
950
-
nm
∆λ
IF= 5mA
-
45
-
nm
∆θ
IF= 20mA
-
± 40
-
s Electro-optical Characteristics
( Ta = 25˚C)
s Outline Dimensions
(Unit : mm )
s Features
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
( packaging area : 37% smaller than GL480 )
2. High output power type (GL461 )
3. Taped models 2,000pcs/reel (GL460T /
GL461T )
*2 For MAX. 3 seconds at the position of 2.5mm from the
Terminal capacitance
2
GL461 Green
R0.3
5˚
5˚
5˚
5˚
epoxy resin
1.5
2
1
1
1
Anode
2
Cathode
0.4
R1.0
5˚
5˚
5˚
5˚
Double Ended Mold Type
s Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Power dissipation
P
150
mW
Forward current
IF
50
mA
*1Peak forward current
IFM
1A
Reverse voltage
VR
6V
Operating temperature
T opr
- 25 to + 85
˚C
Storage temperature
T stg
- 40 to + 85
˚C
*2Soldering temperature
T sol
260
˚C
(Ta = 25˚C )
Pink transparent
˚
Infrared Emitting Diode
2.6MAX.
2.5 ± 0.2
<=


Similar Part No. - GL460

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL4600 SHARP-GL4600 Datasheet
37Kb / 4P
Double Ended Mold Type Infrared Emitting Diode
More results

Similar Description - GL460

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL390 SHARP-GL390 Datasheet
38Kb / 4P
Thin Bow Type Resin Mold Package Infrared Emitting Diodes
GL4600 SHARP-GL4600 Datasheet
37Kb / 4P
Double Ended Mold Type Infrared Emitting Diode
GL4800 SHARP-GL4800 Datasheet
33Kb / 3P
Thin Type Infrared Emitting Diode
GL514 SHARP-GL514 Datasheet
45Kb / 4P
TO-18 Type Infrared Emitting Diode
GL537 SHARP-GL537 Datasheet
37Kb / 3P
過 5mm Resin Mold Type Infrared Emitting Diode
PT4600 SHARP-PT4600 Datasheet
61Kb / 5P
Double Ended Mold Type Phototransistors
logo
Siemens Semiconductor G...
SFH435 SIEMENS-SFH435 Datasheet
106Kb / 3P
GaAs INFRARED EMITTER DOUBLE EMITTING DIODE
logo
Sharp Corporation
GL420 SHARP-GL420 Datasheet
96Kb / 3P
RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE
GL527 SHARP-GL527 Datasheet
137Kb / 3P
5MM RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE
GL100MN0MP SHARP-GL100MN0MP Datasheet
969Kb / 11P
Surface Mount Type, Infrared Emitting Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com