Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL538 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GL538
Description  過 5mm Resin Mold Type Infrared Emitting Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL538 Datasheet(HTML) 1 Page - Sharp Corporation

  GL538 Datasheet HTML 1Page - Sharp Corporation GL538 Datasheet HTML 2Page - Sharp Corporation GL538 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
*1 Pulse width<=100
µ s, Duty ratio = 0.01
*2 For 3 seconds at the position of 2.6mm from the bottom face of resin package.
GL537/GL538
GL537/GL538
Emitting Diode
s Features
2. Beam angle
3.
φ 5mm epoxy resin package
s Applications
1. Infrared remote controllers for TVs,
tioners
I E: TYP. 30mW/sr at I F = 50mA
Parameter
Symbol
Rating
Unit
P
150
mW
IF
100
mA
1A
V R
6V
T opr
- 25 to + 85
˚C
T stg
- 40 to + 85
˚C
T sol
260
˚C
0.5
Anode
Cathode
*
GL537
GL538
GL538
∆θ : TYP. ± 13˚
GL537
∆θ : TYP. ± 25˚
s Absolute Maximum Ratings
(Ta = 25˚C )
s Outline Dimensions
(Unit : mm )
s Electro-optical Characteristics
(Ta = 25˚C )
1. High output power
Power dissipation
Forward current
*1
Reverse voltage
Operating temperature
Storage temperature
*2 Soldering temperature
in the direction of mechanical axis of the lens portion into 1 sr of all those emitted from the light emitting diode.
(2.54)
0.8
Blue transparent epoxy resin
* Portion dimension (mm)
Cutting type
GL538
1
2
1
2
1
2
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
Parameter
Conditions
MIN.
TYP.
MAX.
Unit
Forward voltage
-
1.3
1.5
V
Peak forward voltage
-
V
Reverse current
-
-
10
µ A
Terminal capacitance
-
50
pF
Response frequency
-
-
300
-
kHz
*3Radiation intensity
GL537
13
-
mW/sr
GL538
15
30
-
Peak emission wavelength
-
950
-
nm
Half intensity wavelength
-
45
-
nm
GL537
-
± 25
-
GL538
-
± 13
-
Symbol
V F
V FM
I R
Ct
f c
IE
λ P
∆λ
∆θ
IF = 50mA
VR =3V
VR = 0, f = 1kHz
IF = 50mA
IF = 5mA
IF = 5mA
(GL538)
Peak forward current
I FM
Half intensity angle
IFM = 0.5A
: Value obtained by converting the value in power of radiant fluxes emitted at the solid angle of 0.01 sr ( steradian)
IF = 20mA
6
1.9
3.0
-
φ 5mm Resin Mold Type Infrared
˚
˚
*3 I E
φ 5
7.7 ± 0.2
8.4 ± 0.2
VCRs, audio equipment and air condi-


Similar Part No. - GL538

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL538 SHARP-GL538 Datasheet
137Kb / 3P
5MM RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE
More results

Similar Description - GL538

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL390 SHARP-GL390 Datasheet
38Kb / 4P
Thin Bow Type Resin Mold Package Infrared Emitting Diodes
GL460 SHARP-GL460 Datasheet
46Kb / 4P
Double Ended Mold Type Infrared Emitting Diode
GL4600 SHARP-GL4600 Datasheet
37Kb / 4P
Double Ended Mold Type Infrared Emitting Diode
GL560 SHARP-GL560 Datasheet
39Kb / 3P
Low Peak Forward Voltage Type 過 5 Resin Mold Package Infrared Emitting Diodes
GL420 SHARP-GL420 Datasheet
96Kb / 3P
RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE
GL527 SHARP-GL527 Datasheet
137Kb / 3P
5MM RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE
GL360 SHARP-GL360 Datasheet
106Kb / 3P
3.2mm RESIN MOLD Type Infrared Light Emltting Diode
GL371 SHARP-GL371 Datasheet
325Kb / 3P
COMPACT RESIN STEM TYPE INFRARED EMITTING DIODE
logo
NTE Electronics
NTE30047 NTE-NTE30047 Datasheet
56Kb / 1P
Infrared Emitting Diode − 5mm
logo
LUMEX INC.
OED-EL-1L2 LUMEX-OED-EL-1L2_17 Datasheet
66Kb / 1P
T-5mm, 940mm Infrared Emitting DIode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com