Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7623 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV7623
Description  480 output high-voltage gate driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7623 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV7623 Datasheet HTML 7Page - STMicroelectronics STV7623 Datasheet HTML 8Page - STMicroelectronics STV7623 Datasheet HTML 9Page - STMicroelectronics STV7623 Datasheet HTML 10Page - STMicroelectronics STV7623 Datasheet HTML 11Page - STMicroelectronics STV7623 Datasheet HTML 12Page - STMicroelectronics STV7623 Datasheet HTML 13Page - STMicroelectronics STV7623 Datasheet HTML 14Page - STMicroelectronics STV7623 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
STV7623
Electrical characteristics
Doc ID 018939 Rev 1
11/27
5
Electrical characteristics
5.1
DC electrical characteristics (DGND =0V)
DVDD = 3.3 V, VP = 30 V, VN = -45V, TAMB = 25 °C, fCLK = 1 MHz, unless otherwise specified.
Table 7.
Electrical characteristics - OUT1 to OUT480
Table 6.
Electrical characteristics - supply
Symbol
Parameter
Value
Unit
Min
Typ
Max
DVDD
Digital supply voltage
3.0
3.3
3.6
V
IDD
Digital supply current(1)
1.
For 3.3V CMOS input logic levels (0 or 3.3 V)
–60
–
µA
IDDL
Digital dynamic supply
current (CLK1 freq =
1MHz)(2)
2.
All input data is switched at 0.5 MHz rate.
–900
–
µA
IDD
Digital supply current at
V
IH = 2.0 V
–80
–
µA
VP
DC power output positive
supply voltage
+10
–
–
V
VN
DC power output negative
supply voltage
––
-10
V
VP-VN
Voltage gap Vp-Vn
20
–
80
V
IPPH
Power output supply current
(steady outputs)
––
500
µA
Symbol
Parameter
Value
Unit
Min
Typ
Max
Vpouth
Power output high level
(voltage drop versus VP)
at Ipouth = -20 mA and VP =
30 V
–4
–
V
Vpoutl
Power output low level at Ipoutl
= +20 mA
, VN=-45 V
–6
–
V
Vdouth
Output upper diode voltage
drop at Idouth = +30 mA
–1
2
V
Vdoutl
Output lower diode voltage
drop at Idoutl = -30 mA
-2
-1
–
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com