Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7623 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV7623
Description  480 output high-voltage gate driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7623 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV7623 Datasheet HTML 8Page - STMicroelectronics STV7623 Datasheet HTML 9Page - STMicroelectronics STV7623 Datasheet HTML 10Page - STMicroelectronics STV7623 Datasheet HTML 11Page - STMicroelectronics STV7623 Datasheet HTML 12Page - STMicroelectronics STV7623 Datasheet HTML 13Page - STMicroelectronics STV7623 Datasheet HTML 14Page - STMicroelectronics STV7623 Datasheet HTML 15Page - STMicroelectronics STV7623 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Electrical characteristics
STV7623
12/27
Doc ID 018939 Rev 1
Figure 6.
Output test configuration
Table 8.
Electrical characteristics - standard mode,
TTL/LVCMOS inputs: CLK, DIR, blank, POL, STV1, STV2, length, justify
Symbol
Parameter
Value
Unit
Min
Typ
Max
V
IH
High level input voltage
1.2
–
DVDD
V
V
IL
Low level input voltage
DGND
–0.6
V
V
OH
High level output voltage
IOH =200 µA
DVDD-0.3
–
DVdd
V
V
OL
Low level output voltage
IOH = 200 µA
DGND
–DGND+0.3
V
I
IH
High level input current
(V
IH
≥ 2.0 V)
-1
–
1
µA
I
IL
Low level input current
(V
IL = 0 V)
-1
–
1
µA
VP
VP
VN
VN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com