Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7623 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STV7623
Description  480 output high-voltage gate driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7623 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STV7623 Datasheet HTML 14Page - STMicroelectronics STV7623 Datasheet HTML 15Page - STMicroelectronics STV7623 Datasheet HTML 16Page - STMicroelectronics STV7623 Datasheet HTML 17Page - STMicroelectronics STV7623 Datasheet HTML 18Page - STMicroelectronics STV7623 Datasheet HTML 19Page - STMicroelectronics STV7623 Datasheet HTML 20Page - STMicroelectronics STV7623 Datasheet HTML 21Page - STMicroelectronics STV7623 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Pad information
STV7623
18/27
Doc ID 018939 Rev 1
7
Pad information
Figure 11.
Pad dimensions and coordinates (in µm)
The reference (x=0, y=0) is the centre of the die. Output pad pitch is 68 µm.
Stress relief pads are connected to VN (VSS).
Pad size:
●
Type 1: (north/south pads) 51 x 51 µm, 68 µm linear pitch, passivation opening 34 x 34
µm.
●
Type 2: (east/west) pads
●
Type 3: stress relief die corner pads
Alignment: 2 alignment marks, using 2 metals across the input long edge of the die.
Die size = 51 mm2, with special reticle/wafer map adjustments.
OUT113
OUT368
VP
DVDD
DGND
VN
DGND
VN
DGND
DVDD
VP
VP
DVDD
DGND
VN
DGND
VN
DGND
DVDD
VP
(0,0)
Y
X
DIE FACE UP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com