Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7623 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV7623
Description  480 output high-voltage gate driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7623 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV7623 Datasheet HTML 9Page - STMicroelectronics STV7623 Datasheet HTML 10Page - STMicroelectronics STV7623 Datasheet HTML 11Page - STMicroelectronics STV7623 Datasheet HTML 12Page - STMicroelectronics STV7623 Datasheet HTML 13Page - STMicroelectronics STV7623 Datasheet HTML 14Page - STMicroelectronics STV7623 Datasheet HTML 15Page - STMicroelectronics STV7623 Datasheet HTML 16Page - STMicroelectronics STV7623 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
STV7623
Electrical characteristics
Doc ID 018939 Rev 1
13/27
Figure 7.
Supply voltage (VP,VN) setting examples
5.2
AC characteristics
DVDD = 3.3 V to 3.6 V, Tamb = -20°C to +85°C, input signal edge maximum rise and fall times
(tr, tf) = 3 ns load condition: 68 pF, 3.9 k
Ω, 333 pF.
Table 9.
AC timing requirements
Test condition: 25 °C ambient, VP = +30, VN = -45 V, DVDD =3.3 V.
0V = DGND
VP > 10V
VN < -10V
VP
VP
VP
VP
VP
VN
VN
VN
VN
VN
VP-VN < 80V
VP > 10V
VN < -10V
Symbol
Parameter
Value
Unit
Min
Typ
Max
t
CLK
Data clock period
0.1
–
–
µs
F
CLK
Max clock frequency
–
200k
1M/10M(1)(2)
1.
If the digital inputs are 3.3V +/-10%, max clock frequency can be 10 MHz
Hz
t
WHCLK
Duration of clock pulse at
high level
400, 40(2)
2.
Output blanked during data shift.
––
ns
t
WLCLK
Duration of clock pulse at
low level
400, 40(2)
––
ns
t
SDAT
Input data set-up time before
low-to-high clock transition
25
–
–
ns
t
HDAT
Input data hold-time after
low-to-high clock transition
25
–
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com