Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP6503 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP6503
Description  340kHz 23V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6503 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP6503 Datasheet HTML 1Page - Diodes Incorporated AP6503 Datasheet HTML 2Page - Diodes Incorporated AP6503 Datasheet HTML 3Page - Diodes Incorporated AP6503 Datasheet HTML 4Page - Diodes Incorporated AP6503 Datasheet HTML 5Page - Diodes Incorporated AP6503 Datasheet HTML 6Page - Diodes Incorporated AP6503 Datasheet HTML 7Page - Diodes Incorporated AP6503 Datasheet HTML 8Page - Diodes Incorporated AP6503 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AP6503
340kHz 23V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
AP6503
Document number: DS35077 Rev. 1 - 2
5 of 13
www.diodes.com
September 2011
© Diodes Incorporated
Typical Performance Graphs (VIN = 12V, VOUT=3.3V ,TA = +25°C, unless otherwise noted)
0.48
0.5
0.52
0.54
0.56
0.58
0.6
0
5
10
15
20
25
INPUT VOLTAGE (V)
Quiescent Supply Current vs. Input Voltage
0
5
10
15
20
25
INPUT VOLTAGE (V)
Shutdown Supply Current vs. Input Voltage
0.004
0.014
0.024
0.034
0.044
0.054
0.064
0.074
4.8
5
5.2
5.4
5.6
5.8
6
6.2
-60
-40
-20
0
20
40
60
80
100
TEMPERATURE (C)
Current Limit vs. Temperature
3.32
3.321
3.322
3.323
3.324
3.325
3.326
3.327
3.328
3.329
3.33
4.75
9.75
14.75
19.75
24.75
INPUT VOLTAGE (V)
Line Regulation
-60
-40
-20
0
20
40
60
80
100
TEMPERATURE (°C)
Feedback Voltage vs. Temperature
0.9
0.902
0.904
0.906
0.908
0.91
0.912
0.914
0.916
0.918
0.92
350
355
360
365
370
375
-60
-40
-20
0
20
40
60
80
100
TEMPERATURE (°C)
Oscillator Frequency vs. Temperature
40
45
50
55
60
65
70
75
80
85
90
LOAD CURRENT (A)
Efficiency vs. Load Current
01
23
V
= 12V
IN
V
= 5V
IN
V
= 1.2V
L = 3.3µH
OUT
40
45
50
55
60
65
70
75
80
85
90
LOAD CURRENT (A)
Efficiency vs. Load Current
01
2
3
V
= 12V
IN
V
= 5V
IN
V
= 1.8V
L = 3.3µH
OUT
40
50
60
70
80
90
100
LOAD CURRENT (A)
Efficiency vs. Load Current
01
23
V
= 12V
L = 10µH
IN
V
= 5V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com