Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP6503 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP6503
Description  340kHz 23V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6503 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP6503 Datasheet HTML 5Page - Diodes Incorporated AP6503 Datasheet HTML 6Page - Diodes Incorporated AP6503 Datasheet HTML 7Page - Diodes Incorporated AP6503 Datasheet HTML 8Page - Diodes Incorporated AP6503 Datasheet HTML 9Page - Diodes Incorporated AP6503 Datasheet HTML 10Page - Diodes Incorporated AP6503 Datasheet HTML 11Page - Diodes Incorporated AP6503 Datasheet HTML 12Page - Diodes Incorporated AP6503 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AP6503
340kHz 23V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
AP6503
Document number: DS35077 Rev. 1 - 2
10 of 13
www.diodes.com
September 2011
© Diodes Incorporated
Applications Information (cont.)
PC Board Layout
This is a high switching frequency converter. Hence
attention
must
be
paid
to
the
switching
currents
interference in the layout. Switching current from one
power device to another can generate voltage transients
across the impedances of the interconnecting bond wires
and circuit traces. These interconnecting impedances
should be minimized by using wide, short printed circuit
traces.
AP6503 is exposed at the bottom of the package
and must be soldered directly to a well designed
thermal pad on the PCB. This will help to increase
the power dissipation.
External Bootstrap Diode
It is recommended that an external bootstrap diode be
added when the input voltage is no greater than 5V or the
5V rail is available in the system. This helps to improve the
efficiency of the regulator. This solution is also applicable
for D > 65%. The bootstrap diode can be a low cost one
such as BAT54 or a schottky that has a low Vf.
AP6503
BST
SW
10nF
BOOST
DIODE
5V
4
3
Figure 7—External Bootstrap
Compensation Components
Recommended Diodes:
Part Number
Voltage/Current
Rating
Vendor
B130
30V, 1A
Diodes Inc
SK13
30V, 1A
Diodes Inc
Input capacitor C1
must be placed as
close as possible
to the IC and to L1.
34mm
52mm
External feedback
resistor dividers
must be placed
close to the FB pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com