Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP6503 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP6503
Description  340kHz 23V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6503 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP6503 Datasheet HTML 1Page - Diodes Incorporated AP6503 Datasheet HTML 2Page - Diodes Incorporated AP6503 Datasheet HTML 3Page - Diodes Incorporated AP6503 Datasheet HTML 4Page - Diodes Incorporated AP6503 Datasheet HTML 5Page - Diodes Incorporated AP6503 Datasheet HTML 6Page - Diodes Incorporated AP6503 Datasheet HTML 7Page - Diodes Incorporated AP6503 Datasheet HTML 8Page - Diodes Incorporated AP6503 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AP6503
340kHz 23V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
AP6503
Document number: DS35077 Rev. 1 - 2
4 of 13
www.diodes.com
September 2011
© Diodes Incorporated
Electrical Characteristics (VIN = 12V, TA = +25°C, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
IIN
Shutdown Supply Current
VEN = 0V
0.3
3.0
µA
IIN
Supply Current (Quiescent)
VEN = 2.0V, VFB = 1.0V
0.6
1.5
mA
RDS(ON)1
High-Side Switch On-Resistance
(Note 6)
100
m
Ω
RDS(ON)2
Low-Side Switch On-Resistance
(Note 6)
100
m
Ω
ILimit
HS Current Limit
Minimum duty cycle
5.5
A
ILimit
LS Current Limit
From Drain to Source
0.9
A
High-Side Switch Leakage Current
VEN = 0V, VSW = 0V,
Vsw=12V
0
10
μA
AVEA
Error Amplifier Voltage Gain (Note 5)
800
V/V
GEA
Error Amplifier Transconductance
ΔIC = ±10μA
1000
uA/V
GCS
COMP to Current Sense
Transconductance
2.8
A/V
FSW
Oscillator Frequency
VFB = 0.75V
300
340
380
kHz
FFB
Fold-back Frequency
VFB = 0V
0.30
fSW
DMAX
Maximum Duty Cycle
VFB = 800mV
90
%
TON
Minimum On Time
200
ns
VFB
Feedback Voltage
TA = -40°C to +85°C
900
925
950
mV
Feedback Overvoltage Threshold
1.1
V
VEN_Rising
EN Rising Threshold
0.7
0.8
0.9
V
EN Lockout Threshold Voltage
2.2
2.5
2.7
V
EN Lockout Hysteresis
220
mV
INUVVth
VIN Under Voltage Threshold Rising
3.80
4.05
4.40
V
INUVHYS
VIN Under Voltage Threshold
Hysteresis
250
mV
Soft-Start Current
VSS = 0V
6
μA
Soft-Start Period
CSS = 0.1µF
15
ms
TSD
Thermal Shutdown
150
°C
Note:
6. Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com