Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP6503 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP6503
Description  340kHz 23V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6503 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP6503 Datasheet HTML 1Page - Diodes Incorporated AP6503 Datasheet HTML 2Page - Diodes Incorporated AP6503 Datasheet HTML 3Page - Diodes Incorporated AP6503 Datasheet HTML 4Page - Diodes Incorporated AP6503 Datasheet HTML 5Page - Diodes Incorporated AP6503 Datasheet HTML 6Page - Diodes Incorporated AP6503 Datasheet HTML 7Page - Diodes Incorporated AP6503 Datasheet HTML 8Page - Diodes Incorporated AP6503 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AP6503
340kHz 23V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
AP6503
Document number: DS35077 Rev. 1 - 2
1 of 13
www.diodes.com
September 2011
© Diodes Incorporated
Description
The AP6503 is a 340kHz switching frequency external
compensated synchronous DC/DC buck converter. It has
integrated low RDSON high and low side MOSFETs.
The AP6503 enables continues load current of up to 3A with
efficiency as high as 95%.
The AP6503 features current mode control operation, which
enables fast transient response times and easy loop
stabilization.
The AP6503 simplifies board layout and reduces space
requirements with its high level of integration and minimal
need for external components, making it ideal for distributed
power architectures.
The AP6503 is available in a standard Green SO-8EP
package
with
exposed
PAD
for
improved
thermal
performance and is RoHS compliant.
Pin Assignments
COMP
SW
GND
BS
EN
FB
SS
( Top View )
1
2
3
4
8
7
6
5
IN
SO-8EP
Figure 1. Package Pin Out
Features
•
VIN 4.75V to 23V
•
3A continuous Output Current, 4A Peak
•
VOUT adjustable to 0.925 to 20V
•
340kHz switching frequency
•
Programmable Soft-Start
•
Enable pin
•
Protection
•
OCP
•
Thermal Shutdown
•
Lead Free Finish/ RoHS Compliant (Note 1)
Applications
•
Gaming Consoles
•
Flat Screen TV sets and Monitors
•
Set Top Boxes
•
Distributed power systems
•
Home Audio
•
Consumer electronics
•
Network Systems
•
FPGA, DSP and ASIC Supplies
•
Green Electronics
Note:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
Typical Application Circuit
Figure 2. Typical Application Circuit
LOAD CURRENT (A)
Efficiency vs. Load Current
01
2
3
V
= 12V
IN
V
= 5V
IN
V
= 3.3V
L = 10µH
OUT
40
50
60
70
80
90
100


Similar Part No. - AP6503

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP6503 DIODES-AP6503 Datasheet
551Kb / 16P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 7
AP6503A DIODES-AP6503A Datasheet
576Kb / 15P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 4
AP6503ASP-13 DIODES-AP6503ASP-13 Datasheet
576Kb / 15P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 4
AP6503A DIODES-AP6503A_17 Datasheet
576Kb / 15P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 4
AP6503SP-13 DIODES-AP6503SP-13 Datasheet
551Kb / 16P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 7
More results

Similar Description - AP6503

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP6502 DIODES-AP6502 Datasheet
412Kb / 12P
340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 2
logo
Richtek Technology Corp...
RT8283A RICHTEK-RT8283A Datasheet
200Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8253A RICHTEK-RT8253A Datasheet
227Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
logo
BCD Semiconductor Manuf...
AP3503E BCDSEMI-AP3503E Datasheet
431Kb / 11P
340kHz, 3A Synchronous DC-DC Buck Converter Current Mode Control
AP3503 BCDSEMI-AP3503 Datasheet
424Kb / 11P
340kHz, 3A Synchronous DC-DC Buck Converter
logo
Fitipower Integrated Te...
FR9886 FITIPOWER-FR9886 Datasheet
1Mb / 14P
23V, 2.5A, 340KHz Synchronous Step-Down DC/DC Converter
FR9888 FITIPOWER-FR9888 Datasheet
994Kb / 13P
23V, 3.5A, 340KHz Synchronous Step-Down DC/DC Converter
FR9618 FITIPOWER-FR9618 Datasheet
1Mb / 13P
23V, 3A, 340KHz Synchronous Step-Down DC/DC Converter
logo
Diodes Incorporated
AP6501 DIODES-AP6501 Datasheet
367Kb / 15P
340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
September 2012 Rev. 1 - 2
logo
Fitipower Integrated Te...
FR9889 FITIPOWER-FR9889 Datasheet
659Kb / 13P
23V, 3A, 340KHz Synchronous Step-Down DC/DC Converterxxxxxxxxxxx
MAY-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com