Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8221-ASSP Datasheet(PDF) 30 Page - ams AG

Part # AS8221-ASSP
Description  FlexRay Standard Transceiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8221-ASSP Datasheet(HTML) 30 Page - ams AG

Back Button AS8221-ASSP Datasheet HTML 26Page - ams AG AS8221-ASSP Datasheet HTML 27Page - ams AG AS8221-ASSP Datasheet HTML 28Page - ams AG AS8221-ASSP Datasheet HTML 29Page - ams AG AS8221-ASSP Datasheet HTML 30Page - ams AG AS8221-ASSP Datasheet HTML 31Page - ams AG AS8221-ASSP Datasheet HTML 32Page - ams AG AS8221-ASSP Datasheet HTML 33Page - ams AG AS8221-ASSP Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
AS8221
Datasheet - Application In form atio n
www.austriamicrosystems.com/flexray/AS8221
Revision 1.4
30 - 41
9.11 Test Circuits
Figure 18. Test Circuit for Automotive Transients
Figure 19. Test Circuit for Dynamic Characteristics
AS8221
RxD
BP
BM
RL
CL
15pF
VBAT
VCC
VIO
100nF
+5V
10uF
14
19
4
7
18
17
1nF
1nF
ISO 7637
PULSE
GENERATOR
ISO 7637
PULSE
GENERATOR
12V or 42V
Transients in accordance with ISO7637:
test pulses 1, 2, 3a, 3b, 4, 5
Test conditions: Normal mode bus idle,
Normal mode bus active (TXD=5 MHz, TXEN=1kHz)
AS8221
RxD
BP
BM
RL
CL
15pF
VBAT
VCC
VIO
100nF
+5V
+12V
10uF
14
19
4
7
18
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com