Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8221-ASSP Datasheet(PDF) 35 Page - ams AG

Part # AS8221-ASSP
Description  FlexRay Standard Transceiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8221-ASSP Datasheet(HTML) 35 Page - ams AG

Back Button AS8221-ASSP Datasheet HTML 31Page - ams AG AS8221-ASSP Datasheet HTML 32Page - ams AG AS8221-ASSP Datasheet HTML 33Page - ams AG AS8221-ASSP Datasheet HTML 34Page - ams AG AS8221-ASSP Datasheet HTML 35Page - ams AG AS8221-ASSP Datasheet HTML 36Page - ams AG AS8221-ASSP Datasheet HTML 37Page - ams AG AS8221-ASSP Datasheet HTML 38Page - ams AG AS8221-ASSP Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
AS8221
Datasheet - Appendi x
www.austriamicrosystems.com/flexray/AS8221
Revision 1.4
35 - 41
ILWUL
Low level input current on local WAKE pin
-
-
ILWUH
High level input current on local WAKE pin
-
-
tLWUFilter
Local wake filter time
dWakePulseFilter
Wake pulse filter time (spike rejection)
-
VBAT operating range
VBAT = +6.5 to + 50V
VBAT for WU detector Battery voltage required for wake-up detector
operation
Supply Voltage Monitor
VBATTHH
VBAT undervoltage recovery threshold
--
VBATTHL
VBAT undervoltage detection threshold
uUVBAT
Undervoltage detection threshold
VCCTHH
VCC undervoltage recovery threshold
--
VCCTHL
VCC undervoltage detection threshold
uUVCC
Undervoltage detection threshold
VIOTHH
VIO undervoltage recovery threshold
--
VIOTHL
VIO undervoltage detection threshold
uUVIO
Undervoltage detection threshold
tUV_DETECT
Detection time for undervoltage at VBAT, VCC,
VIO
dUVBAT, dUVCC,
dUVIO
Undervoltage reaction time
tUV_REC
Detection time for undervoltage recovery at
VBAT, VCC, VIO
--
Bus Error Detection
ITHL
Absolute bus current for low current detection
-
-
ITHH
Absolute bus current for high current detection
-
-
VSHORT
Differential voltage on BP and BM
for detecting short circuit between bus lines
--
tBUS_ERROR
Bus error detection time
-
Detection only required while actively
transmitting a data frame, error indication to
host latest when transmission stops.
Over Temperature
OTTH
Over temperature threshold
-
-
OTTL
Over temperature hysteresis
-
-
Table 12. Comparison Table
AS8221 Datasheet
FlexRay
Electrical Physical Layer Specification V2.1 Rev. B
Symbol
Parameter
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com