Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8221-ASSP Datasheet(PDF) 37 Page - ams AG

Part # AS8221-ASSP
Description  FlexRay Standard Transceiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8221-ASSP Datasheet(HTML) 37 Page - ams AG

Back Button AS8221-ASSP Datasheet HTML 33Page - ams AG AS8221-ASSP Datasheet HTML 34Page - ams AG AS8221-ASSP Datasheet HTML 35Page - ams AG AS8221-ASSP Datasheet HTML 36Page - ams AG AS8221-ASSP Datasheet HTML 37Page - ams AG AS8221-ASSP Datasheet HTML 38Page - ams AG AS8221-ASSP Datasheet HTML 39Page - ams AG AS8221-ASSP Datasheet HTML 40Page - ams AG AS8221-ASSP Datasheet HTML 41Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
AS8221
Datasheet - Appendi x
www.austriamicrosystems.com/flexray/AS8221
Revision 1.4
37 - 41
VENIL
Threshold for detecting EN as on logical low
uVIO-IN-LOW
Threshold for detecting a digital input as on
logical low
IENIH
EN high level input current
-
-
IENIL
EN low level input current
-
-
tEN_DEB_LP
EN de-bouncing time low-power modes
-
-
tEN_DEB_NLP
EN de-bouncing time non-low-power modes
-
-
VERRNOH
ERRN high level output voltage
uVIO-OUT-HIGH
Output voltage on a digital output, when in
logical high state
VERRNOL
ERRN low level output voltage
uVIO-OUT-LOW
Output voltage on a digital output, when in
logical low state
Bus Guardian Interface
VBGEIH
Threshold for detecting BGE as on logical
high
uVIO-IN-HIGH
Threshold for detecting a digital input as on
logical high
VBGEIL
Threshold for detecting BGE as on logical low
uVIO-IN-LOW
Threshold for detecting a digital input as on
logical low
IBGEIH
BGE high level input current
-
-
IBGEIL
BGE low level input current
-
-
VRXENOH
RxEN high level output voltage
uVIO-OUT-HIGH
Output voltage on a digital output, when in
logical high state
VRXENOL
RxEN low level output voltage
uVIO-OUT-LOW
Output voltage on a digital output, when in
logical low state
Read Out Interface
tRO_EN_ERRN
Propagation delay falling edge EN to ERRN
-
-
tRO_EN_TIMEOUT
Error-read-out timeout
-
-
Table 12. Comparison Table
AS8221 Datasheet
FlexRay
Electrical Physical Layer Specification V2.1 Rev. B
Symbol
Parameter
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com