Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8221-ASSP Datasheet(PDF) 31 Page - ams AG

Part # AS8221-ASSP
Description  FlexRay Standard Transceiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8221-ASSP Datasheet(HTML) 31 Page - ams AG

Back Button AS8221-ASSP Datasheet HTML 27Page - ams AG AS8221-ASSP Datasheet HTML 28Page - ams AG AS8221-ASSP Datasheet HTML 29Page - ams AG AS8221-ASSP Datasheet HTML 30Page - ams AG AS8221-ASSP Datasheet HTML 31Page - ams AG AS8221-ASSP Datasheet HTML 32Page - ams AG AS8221-ASSP Datasheet HTML 33Page - ams AG AS8221-ASSP Datasheet HTML 34Page - ams AG AS8221-ASSP Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
AS8221
Datasheet - Appendi x
www.austriamicrosystems.com/flexray/AS8221
Revision 1.4
31 - 41
10 Appendix
10.1 FlexRay Functional Classes
The AS8221 FlexRay Standard Transceiver has the following Bus Driver functional classes according the FlexRay Electrical Physical Layer
Specification V2.1 Rev. B implemented:
Functional Class: Chapter 8.13.1 “Bus Driver voltage regulator control”
Functional Class: Chapter 8.13.2 “Bus Driver - Bus Guardian interface”
Functional Class: Chapter 8.13.4 “Bus Driver logic level adaptation”
10.2 FlexRay Parameter Comparison
The following table shows the comparison of conventions used in AS8221 datasheet and FlexRay Electrical Physical Layer Specification V2.1
Rev. B.
Table 12. Comparison Table
AS8221 Datasheet
FlexRay
Electrical Physical Layer Specification V2.1 Rev. B
Symbol
Parameter
Name
Description
Absolute Maximum Ratings
-
Battery Supply Voltage (VBAT)-
-
-
Supply Voltage (VCC)-
-
-
Supply Voltage (VIO)-
-
-
DC Voltage at EN, STBN, ERRN, TxD, RxD,
TxEN, BGE, RxEN
--
-
DC Voltage on pin WAKE, INH1, INH2
-
-
-
DC Voltage at BP and BM
-
-
-
Input current (latchup immunity)
-
-
-
Electrostatic discharge at bus lines BP, BM,
VBAT, WAKE
uESDExt
ESD protection on pins that lead to ECU
external terminals
-
Electrostatic discharge
uESDint
ESD on all other pins
-
Transient voltage on BP, BM
-
-
-
Transient voltage on VBAT
--
-
Total power dissipation (all supplies and
outputs)
--
-
Storage temperature
-
-
-
Junction temperature
-
-
-
Package body temperature
-
-
-
Humidity non-condensing
-
-
Supply Voltage
TAMB
Ambient temperature
T
Ambient temperature
VCC - VIO
Difference of supplies
-
-
IBAT
VBAT current consumption
--
ICC
VCC current consumption
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com