Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XF2L Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XF2L
Description  ZIF Slide-locking Connector (0.5-mm pitch)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XF2L Datasheet(HTML) 1 Page - Omron Electronics LLC

  XF2L Datasheet HTML 1Page - Omron Electronics LLC XF2L Datasheet HTML 2Page - Omron Electronics LLC XF2L Datasheet HTML 3Page - Omron Electronics LLC XF2L Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ZIF Slide-locking Connector (0.5-mm pitch)
XF2L
33
ZIF Slide-locking Connector (0.5-mm pitch)
XF2L
Greater Freedom of Board Design with
Smallest On-board Area in Industry
• Smallest on-board area and volume in the industry.
• Low on-board profile of only 1.2 mm max.
• Bottom wall prevents terminal exposure.
• Applicable FPC thickness of 0.3 mm.
• Halogen Free (See note)
Note: OMRON uses the following standard to determine halogen-
free construction: 900 ppm max. for Br, 900 ppm max. for Cl,
and 1,500 ppm max. for Br+Cl.
• RoHS Compliant.
Ordering Information
Upper Contact
Lower Contact
Note: Please order by integer multiple of the quantity per reel.
Ratings and Specifications
■ Characteristics
■ Materials and Finish
Pins
Model
Qty per reel (See Note)
4
XF2L-0425-1A
3,000
6
XF2L-0625-1A
7
XF2L-0725-1A
8
XF2L-0825-1A
9
XF2L-0925-1A
10
XF2L-1025-1A
12
XF2L-1225-1A
13
XF2L-1325-1A
18
XF2L-1825-1A
21
XF2L-2125-1A
26
XF2L-2625-1A
30
XF2L-3025-1A
Pins
Model
Qty per reel (See Note)
5
XF2L-0535-1A
3,000
6
XF2L-0635-1A
7
XF2L-0735-1A
8
XF2L-0835-1A
10
XF2L-1035-1A
12
XF2L-1235-1A
13
XF2L-1335-1A
15
XF2L-1535-1A
18
XF2L-1835-1A
19
XF2L-1935-1A
20
XF2L-2035-1A
22
XF2L-2235-1A
24
XF2L-2435-1A
30
XF2L-3035-1A
Rated current
0.5A AC/DC
Rated voltage
50V AC/DC
Contact resistance
30 m
Ω max. (at 20 mV DC max., 100 mA max.)
Insulation resistance
100 M
Ω min. (at 250 VDC)
Withstand voltage
250 VAC for 1 min. (leakage current: 1 mA max.)
Insertion tolerance
20 times
Ambient operating temperature
-30 to 85
°C (with no icing or condensation)
Model XF2L - Upper contact type
XF2L - Lower contact type
Housing
LCP resin (UL94V-0)/natural
Slider
LCP resin (UL94V-0)/black
LCP resin (UL94V-0)/brown
Contacts
Spring copper alloy/nickel substrate (2
μm), Gold-plated contacts (0.15 μm)
Hold-down
Spring copper alloy/fused-tin plating (1.5
μm)


Similar Part No. - XF2L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF2L ETC-XF2L Datasheet
833Kb / 1P
0.5MM PITCH LOW PROFILE TYPE
logo
Omron Electronics LLC
XF2L OMRON-XF2L Datasheet
208Kb / 4P
ZIF Slide-locking Connector (0.5-mm pitch)
logo
List of Unclassifed Man...
XF2L-0425-1 ETC-XF2L-0425-1 Datasheet
833Kb / 1P
0.5MM PITCH LOW PROFILE TYPE
logo
Omron Electronics LLC
XF2L-0425-1A OMRON-XF2L-0425-1A Datasheet
208Kb / 4P
ZIF Slide-locking Connector (0.5-mm pitch)
logo
List of Unclassifed Man...
XF2L-0535-1 ETC-XF2L-0535-1 Datasheet
833Kb / 1P
0.5MM PITCH LOW PROFILE TYPE
More results

Similar Description - XF2L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF2J ETC-XF2J Datasheet
596Kb / 1P
0.5mm-pitch ZIF-Slide Type
logo
Omron Electronics LLC
XF2J OMRON-XF2J Datasheet
193Kb / 4P
ZIF Slide-locking Connector (0.5 mm-pitch)
XF2L OMRON-XF2L Datasheet
208Kb / 4P
ZIF Slide-locking Connector (0.5-mm pitch)
logo
Hirose Electric
FH28 HIROSE-FH28 Datasheet
828Kb / 11P
0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
logo
CONEC Elektronische Bau...
16-000640 CONEC-16-000640 Datasheet
145Kb / 1P
LOCKING BOLT for slide lock
logo
Omron Electronics LLC
XF2J_1011 OMRON-XF2J_1011 Datasheet
145Kb / 4P
ZIF Slide-locking Connector (0.5 mm-pitch)
XF2G OMRON-XF2G Datasheet
304Kb / 4P
0.5 mm-Pitch Vertical FPC Connector
logo
Wurth Elektronik GmbH &...
686104189122 WURTH-686104189122 Datasheet
776Kb / 7P
WR-FPC SMT ZIF Horizontal Back Locking ZIF Connectors
002.000
686106189122 WURTH-686106189122 Datasheet
776Kb / 7P
WR-FPC SMT ZIF Horizontal Back Locking ZIF Connectors
002.000
686108189122 WURTH-686108189122 Datasheet
776Kb / 7P
WR-FPC SMT ZIF Horizontal Back Locking ZIF Connectors
002.000
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com