Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2D02 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP2D02
Description  Compact, High Sensitive Distance Measuring Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2D02 Datasheet(HTML) 2 Page - Sharp Corporation

  GP2D02 Datasheet HTML 1Page - Sharp Corporation GP2D02 Datasheet HTML 2Page - Sharp Corporation GP2D02 Datasheet HTML 3Page - Sharp Corporation GP2D02 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GP2D02
70ms
0.1ms
0.1ms
1.6ms
2ms
(Ta=25˚C,Vcc=5V)
Electro-optical Characteristics
Note) L : Distance to reflective object
*1 Reflective object : White paper (reflectivity : 90%)
*3 Vin terminal : Open drain drive input.
Conditions : Vin terminal current at Vin OFF-state : -1
µ A
Vin terminal current at Vin ON-state : 0.3V
*2 Average dissipation current value during distance measuring operation when detecting of input signal, Vin as shown in the timing chart
Test Circuit
1. Test circuit
2. Vin input signal for measurement
1
2
3
4
Distance measuring sensor
8-bit serial output read
V signal input
in
DEC : Decimalized value of sensor output (8-bit serial)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Distance measuring range
∆ L
*1
10
-
80
cm
Output terminal voltage
V OH
Output voltage at High
L = 20cm
*1
VCC - 0.3
-
-
V
V OL
Output voltage at Low
-
-
0.3
V
Distance characteristics of output
D
L = 80cm, *1
-
75
-
DEC
∆ D
Output change at L=80 cm to 20 cm, *1
48
58
68
DEC
Dissipation current
at operating
ICC
L = 20cm, *1, *2
-22
35
mA
at OFF-state
I off
L = 20cm, *1
-3
8
µ A
Vin terminal current
Ivin
Vin = 0V
-
- 170
- 280
µ A
s
s



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com