Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2D02 Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP2D02
Description  Compact, High Sensitive Distance Measuring Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2D02 Datasheet(HTML) 4 Page - Sharp Corporation

  GP2D02 Datasheet HTML 1Page - Sharp Corporation GP2D02 Datasheet HTML 2Page - Sharp Corporation GP2D02 Datasheet HTML 3Page - Sharp Corporation GP2D02 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GP2D02
Fig. 3 Detection Distance vs. Illuminance
Illuminance (lx)
Test Method for Anti External Disturbing
Light Characteristics
Test Method for Sensing Range Characteristics
Reflective object
Distance to reflective object
Sensor
Sunlight
Illuminance meter
Fig. 2 Detection Distance vs. Sensing Range
Sensing range X (mm)
KODAK made white paper
(reflectivity : 90%)
Sensor
Emitting portion
Detecting portion
White paper
(reflectivity : 90%)
Reflective object
- X
+ X
0
5000
10000
15000
20000
25000
30000
0
10
20
30
40
50
60
70
80
90
100
50cm
30cm
15cm
- 100
- 50
0
50
100
0
10
20
30
40
50
60
70
80
90
100
Sensing distance : 80 cm
Sensing distance : 50 cm
Sensing distance : 20 cm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com