Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2D02 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP2D02
Description  Compact, High Sensitive Distance Measuring Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2D02 Datasheet(HTML) 1 Page - Sharp Corporation

  GP2D02 Datasheet HTML 1Page - Sharp Corporation GP2D02 Datasheet HTML 2Page - Sharp Corporation GP2D02 Datasheet HTML 3Page - Sharp Corporation GP2D02 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GP2D02
VCC
4.4 to 7
V
1 : GND
2 : Vin
Reg
2 : Vin
1 : GND
29
14
VCC
- 0.3 to + 10
V
V in
- 0.3 to + 3
V
- 0.3 to + 10
V
T opr
-10 to + 60
˚C
T stg
-40 to + 70
˚C
g 20 ± 0.2
g 4.5 ± 0.2
37
4
2
- φ
3.2
± 0.15
2 -
R4
12k
Ω
3 : VCC
4 : Vout
3 : VCC
VCC
VCC
4 : Vout
VCC
GP2D02
Compact, High Sensitive Distance
Measuring Sensor
(Unit : mm)
Features
Applications
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Symbol
Rating
Unit
Operating Supply Voltage
Outline Dimensions
Emitting portion
Detecting portion
JAPAN SOLDERLESS
TERMINAL MSG. CO.
made connector (S4B-ZR)
The dimensions marked with g are described
as the dimensions of lens center position.
Block Diagram
Signal processing
circuit
LED drive circuit
Reflective object
IR LED
(Control
signal
input)
*1
*1 Open drain operation input
Supply voltage
Input terminal voltage
Output terminal voltage
Operating temperature
Storage temperature
1. Impervious to color and reflectivity of reflective object
2. High precision distance measurement output for direct
connection to microcomputer
4. Capable of changing of distance measuring range
through change the optical portion (lens)
1. Sanitary sensors
2. Human body sensors for consumer products such as
electric fans and air conditioners
3. Garage sensors
* PSD : Position Sensitive Detector
Light detector (PSD*)
BVO
3. Low dissipation current at OFF-state
(dissipation current at OFF-state : TYP. 3
µA)
CC
(Ta=25˚C, V =5V)
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
s
s
s
s
s


Similar Part No. - GP2D02

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
GP2D020A120B ISC-GP2D020A120B Datasheet
493Kb / 3P
SiC Schottky Diode
GP2D020A120U ISC-GP2D020A120U Datasheet
504Kb / 3P
SiC Schottky Barrier Diode
More results

Similar Description - GP2D02

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2D120 SHARP-GP2D120 Datasheet
414Kb / 10P
DISTANCE MEASURING SENSOR
GP2Y0D340K SHARP-GP2Y0D340K Datasheet
36Kb / 4P
Compact Distance Measuring Sensors
GP2Y0A02 SHARP-GP2Y0A02 Datasheet
64Kb / 4P
LONG DISTANCE MEASURING SENSOR
GP2Y0A710K0F SHARP-GP2Y0A710K0F Datasheet
343Kb / 9P
Distance Measuring Sensor Unit Measuring distance: 100 to 550 cm Analog output type
GP2D150A SHARP-GP2D150A Datasheet
47Kb / 4P
General Purpose Distance Measuring Sensor
GP2Y0A21YK0F SHARP-GP2Y0A21YK0F Datasheet
374Kb / 9P
Distance Measuring Sensor Unit Measuring distance: 10 to 80 cm Analog output type
GP2Y0A60SZ0F SHARP-GP2Y0A60SZ0F Datasheet
690Kb / 10P
Distance Measuring Sensor Unit
GP2Y0A51SK0F SHARP-GP2Y0A51SK0F Datasheet
966Kb / 8P
Distance Measuring Sensor Unit
GP2Y0E03 SHARP-GP2Y0E03 Datasheet
743Kb / 11P
Distance Measuring Sensor Unit
GP2Y0A41SK0F SHARP-GP2Y0A41SK0F_V01 Datasheet
864Kb / 9P
Distance Measuring Sensor Unit Measuring distance : 4 to 30 cm Analog output type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com