Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2D02 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP2D02
Description  Compact, High Sensitive Distance Measuring Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2D02 Datasheet(HTML) 3 Page - Sharp Corporation

  GP2D02 Datasheet HTML 1Page - Sharp Corporation GP2D02 Datasheet HTML 2Page - Sharp Corporation GP2D02 Datasheet HTML 3Page - Sharp Corporation GP2D02 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GP2D02
Fig. 1 Distance Measuring Output vs.
Distance to Reflective Object
Timing Chart
0
20
40
60
80
100
120
160
180
200
220
140
0
20
40
60
80
100
120
140
Gray
White
Distance to reflective object L (cm)
White paper : KODAK made gray chart R-27,
white surface (reflectivity : 90%)
Gray paper : KODAK made gray chart R-27,
gray surface (reflectivity : 18%)
MSB
LSB
LSB
70ms or more
0.2ms or less
1ms or more
1.5ms or more
1.5ms or more
Power OFF
Vin
Output
Example of distance measuring output (8-bit)
s



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com