Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2L23L Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP2L23L
Description  Compact, Thin Type Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2L23L Datasheet(HTML) 2 Page - Sharp Corporation

  GP2L23L Datasheet HTML 1Page - Sharp Corporation GP2L23L Datasheet HTML 2Page - Sharp Corporation GP2L23L Datasheet HTML 3Page - Sharp Corporation GP2L23L Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GP2L23L/GP2L23R
(Ta= 25˚C)
MONOSASHI
PRISM
GP2L23L
GP2L23R
- 25
0
25
50
75
85
100
0
10
20
30
40
50
60
- 25
0
25
50
75
85
100
0
20
40
60
80
100
120
75
Fig. 1 Forward Current vs.
Ambient Temperature
Fig. 2 Collector Power Dissipation vs.
Ambient Temperature
Ambient temperature T a
Ambient temperature T a (˚C)
Test Condition and Arrangement
for Collector Current
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
VF
-
1.2
1.4
V
Peak forward voltage
V FM
-3
4
V
Output
Reverse current
IR
--
10
µ A
Transfer
charac-
teristics
Collector dark current
ICEO
--
10 -6
A
∗3Collector current
IC
0.8
-
15
mA
Response time
Rise time
t r
-
80
400
Fall time
tf
-
70
350
∗4Leak current
I LEAK
--
50
µ A
IF = 20mA
IFM = 0.5A
VR =3V
VCE = 10V
VCE = 5V, I F = 20mA
VCE = 2V, I C = 10mA
RL = 100
Ω , d= 13mm
VCE = 5V, I F = 20mA
(˚C)
∗3 The condition and arrangement of the reflective object are shown in the following drawing
∗4 Without reflective object
µ s
µ s
s Electro-optical Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com