Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2L23L Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP2L23L
Description  Compact, Thin Type Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2L23L Datasheet(HTML) 4 Page - Sharp Corporation

  GP2L23L Datasheet HTML 1Page - Sharp Corporation GP2L23L Datasheet HTML 2Page - Sharp Corporation GP2L23L Datasheet HTML 3Page - Sharp Corporation GP2L23L Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
- 25
0
25
50
75
100
5
5
5
5
5
5
5
Frequency f ( Hz )
Fig. 9 Frequency Response
2
2
52
52
5
-15
10
Ω
100
Ω
10%
Test Circuit for Response Time
Output
Input
90%
Input
Output
MONOSASHI
PRISM
Fig.10 Collector Dark Current vs.
Ambient Temperature
RD
VCC
RL
td
ts
tr
tf
Ambient temperature T a (˚C)
GP2L23L/GP2L23R
5
-20
-10
-5
0
VCE =2V
IC = 10mA
Ta = 25˚C
RL =1kΩ
103
104
105
106
10 -11
10 -10
10 -9
10 -8
10 -7
10 -6
10 -5
10 -4
VCE = 10V
q
Please refer to the chapter “ Precautions for Use ” .



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com