Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2L23L Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP2L23L
Description  Compact, Thin Type Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2L23L Datasheet(HTML) 3 Page - Sharp Corporation

  GP2L23L Datasheet HTML 1Page - Sharp Corporation GP2L23L Datasheet HTML 2Page - Sharp Corporation GP2L23L Datasheet HTML 3Page - Sharp Corporation GP2L23L Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
0.5
1.0
1.5
2.0
100
200
2.5
3.0
500
25˚C
0˚C
- 20˚C
50˚C
20
55
25
2
50
3.5
Duty ratio
5
10 20
100 200
1000
1
50
500
50
40
30
2
4
8
10
0
20
0
6
02
0
2
46
8
10
4
6
30mA
20mA
10mA
1
3579
8
2
1
-25
25
0
50
75
100
Fig. 3 Peak Forward Current vs.
Duty Ratio
Fig. 4 Forward Current vs.
Forward Voltage
Fig. 5 Collector Current vs.
Forward Current
Fig. 8 Response Time vs.
Fig. 6 Collector Current vs.
Collector-emitter Voltage
Fig. 7 Relative Collector Current vs.
Ambient Temperature
Forward Voltage V F ( V)
Ambient temperature T a (˚C)
GP2L23L/GP2L23R
Collector-emitter voltage V CE ( V)
Forward current I F ( mA )
Pulse width <= 100
µ s
2000
1000
500
200
100
100
50
20
5
2
1
10
12
14
16
18
20
10
12
14
16
0
25
50
75
100
125
1
1
1
1
1
1
1
1
1
2
5
10
20
50
100
200
500
1000
10 -2
10 -1
1
Ta= 25˚C
Ta= 75˚C
Ta= 25˚C
P C(MAX.)
IF= 40mA
VCE =5V
Ta= 25˚C
IF = 20mA
VCE =5V
VCE =2V
IC = 10mA
Ta= 25˚C
t r
t f
t d
t s
Load resistance R L ( Ω )
Load Resistance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com