Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2L23L Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP2L23L
Description  Compact, Thin Type Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2L23L Datasheet(HTML) 1 Page - Sharp Corporation

  GP2L23L Datasheet HTML 1Page - Sharp Corporation GP2L23L Datasheet HTML 2Page - Sharp Corporation GP2L23L Datasheet HTML 3Page - Sharp Corporation GP2L23L Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GP2L23L/GP2L23R
∗2 For 3 seconds
s Absolute Maximum Ratings
(Ta = 25˚C)
Parameter
Symbol
Rating
Unit
Forward current
Reverse voltage
Power dissipation
Collector-emitter voltage
Emitter-collector voltage
Collector current
IF
50
mA
I FM
1A
VR
6V
P75
mW
VCEO
35
V
VECO
6V
IC
40
mA
PC
75
mW
T opr
- 20 to + 85
˚C
T stg
- 40 to + 100
˚C
T sol
260
˚C
Input
Output
∗1Peak forward current
GP2L23L/GP2L23R
1. Correspond to prism system
1. Specified for tape-end detection for digital
audio tape recorders
s Outline Dimensions
(Unit : mm )
s Features
s Applications
2. Compact and thin ( Thickness : 3mm )
4
1
GP2L23L
Internal connection diagram
23
GP2L23R
4.0
R2.0
12
3 4
7.75
(1.15)
1.0
3.0
1.5
12
34
2 - (2.54)
1 Cathode
2 Anode
3 Emitter
4 Collector
1 Emitter
2 Collector
3 Cathode
4 Anode
Compact, Thin Type
Photointerrupter
Operating temperature
Storage temperature
∗2Soldering temperature
Collector power dissipation
∗1 Pulse width<=100µ s, Duty ratio= 0.01
∗ Tolerance :± 0.15mm
∗ ( ) : Reference dimensions
∗∗ L : GP2L23L
R : GP2L23R
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
φ 2.0
2 - φ 1.2
3.75
± 0.1
4- 0.45
+ 0.3
- 0.1
0.25
+ 0.3
- 0.1
6.0 ± 0.1


Similar Part No. - GP2L23L

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2L20L SHARP-GP2L20L Datasheet
48Kb / 4P
Compact, Thin Type Photointerrupter
GP2L20R SHARP-GP2L20R Datasheet
48Kb / 4P
Compact, Thin Type Photointerrupter
GP2L22 SHARP-GP2L22 Datasheet
47Kb / 4P
Subminiature, High Sensitivity Photointerrupter
GP2L24 SHARP-GP2L24 Datasheet
72Kb / 6P
Subminiature, High Sensitivity Photointerrupter
GP2L24ABJ00F SHARP-GP2L24ABJ00F Datasheet
151Kb / 12P
Detecting Distance : 0.7mm Darlington Phototransistor Output Compact Refl ective Photointerrupter
More results

Similar Description - GP2L23L

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1L53V SHARP-GP1L53V Datasheet
48Kb / 4P
Compact, High Sensing Accuracy Type Photointerrupter
GP1S25 SHARP-GP1S25 Datasheet
49Kb / 4P
Side Lead Type Ultra-compact Photointerrupter
GP1S53V SHARP-GP1S53V Datasheet
59Kb / 4P
Compact Photointerrupter
GP1S55T SHARP-GP1S55T Datasheet
53Kb / 4P
Compact, High Sensing Accuracy Narrow Gap Type Photointerrupter
GP1S560 SHARP-GP1S560 Datasheet
48Kb / 4P
Compact, High Sensing Accuracty Type Photointerrupter
GP1S561 SHARP-GP1S561 Datasheet
55Kb / 4P
Compact and Thin Photointerrupter
GP1S562 SHARP-GP1S562 Datasheet
61Kb / 4P
Compact Photointerrupter with Holders
GP2L20L SHARP-GP2L20L Datasheet
48Kb / 4P
Compact, Thin Type Photointerrupter
GP1S53 SHARP-GP1S53 Datasheet
137Kb / 4P
Compact Photointerrupter
GP1S73P2 SHARP-GP1S73P2 Datasheet
83Kb / 6P
Compact Photointerrupter with Connector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com