Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2W0106YP Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP2W0106YP
Description  115 kbps Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W0106YP Datasheet(HTML) 2 Page - Sharp Corporation

  GP2W0106YP Datasheet HTML 1Page - Sharp Corporation GP2W0106YP Datasheet HTML 2Page - Sharp Corporation GP2W0106YP Datasheet HTML 3Page - Sharp Corporation GP2W0106YP Datasheet HTML 4Page - Sharp Corporation GP2W0106YP Datasheet HTML 5Page - Sharp Corporation GP2W0106YP Datasheet HTML 6Page - Sharp Corporation GP2W0106YP Datasheet HTML 7Page - Sharp Corporation GP2W0106YP Datasheet HTML 8Page - Sharp Corporation GP2W0106YP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
GP2W0106YP
115 kbps Transceiver
2
IrDA Data Sheet
Figure 1. Recommended External Circuit
1
NC
2
NC
3
VDD
4
GND
GP2W0106YP-1
CX
VDD GND SD RXD TXD
5
SD
6
RXD
7
TXD
8
LEDA
+
COMPONENT
NOTES:
1. Choose the most suitable CX according to the
noise level and noise frequency of power supply.
2. Pin 1 and Pin 2 are not connected internally.
RECOMMENDED VALUE
CX
3.3
µF/6.3 V (NOTE 1)
Table 1. I/O Truth Table
SD
TXD
LED
RECEIVER
TR1
TR2
RXD
Low
High
On
Don’t Care
——
Not
Valid
Low
Low
Off
IrDA Signal
Off
On
Low
Low
Low
Off
No Signal
On
Off
High
High
Don’t
Care
Off
Don’t Care
Off
Off
High
Pullup
Figure 2. RXD Equivalent Circuit
GP2W0106YP-2
TR1
TR2
260 k
Ω
TYP.
RXD
Figure 3. Example of Circuit
+
GP2W0106YP-3
UART
ENCODER
CIRCUIT
DECODER
CIRCUIT
GP2W0106YP
CONSTANT
CURRENT
CIRCUIT
3
3
TXD
GND
4
2
1
5
RXD
SD
LEDA
CX
VDD
SD INPUT
PERFORMANCE
LOW
Normal Mode
HIGH
Shutdown
Mode
NOTES:
1 Transmitting data waveform
2 Encoder circuit output waveform
3 Transmitter output optical signal waveform
4 GP2W0106YP receiver output waveform
5 Receiving data waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com