Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2W0106YP Datasheet(PDF) 5 Page - Sharp Corporation

Part # GP2W0106YP
Description  115 kbps Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W0106YP Datasheet(HTML) 5 Page - Sharp Corporation

  GP2W0106YP Datasheet HTML 1Page - Sharp Corporation GP2W0106YP Datasheet HTML 2Page - Sharp Corporation GP2W0106YP Datasheet HTML 3Page - Sharp Corporation GP2W0106YP Datasheet HTML 4Page - Sharp Corporation GP2W0106YP Datasheet HTML 5Page - Sharp Corporation GP2W0106YP Datasheet HTML 6Page - Sharp Corporation GP2W0106YP Datasheet HTML 7Page - Sharp Corporation GP2W0106YP Datasheet HTML 8Page - Sharp Corporation GP2W0106YP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
115 kbps Transceiver
GP2W0106YP
IrDA Data Sheet
5
Figure 8. GP2W0106YP Outline Dimensions
1.15
3.9
2.5
5.2
CENTER
OF DETECTOR
CENTER
OF EMITTER
EMBOSSED
'S'
PO .95 x 7 = 6.65
PO .95 x 7 = 6.65
8 - 0.6
1.15
0.9
2 ±0.3
0.8
+0.3
-0.2
0.35
0.6 ±0.3
8 - 0.4
+0.2
-0.3
7.9 ±0.3
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
BOTTOM VIEW
NC
NC
VDD
Ground
Shutdown
Receiver Data Output
Transmitter Data Input
NOTES:
1. Dimensions are in mm.
2. Unspecified tolerances are
±0.2
3.
Adhesion of resin to the terminal area are allowed MAX. 0.2 mm.
area: Au plating
LED Anode
NC
PIN
PIN NAME
SYMBOL
NC
VDD
GND
SD
RXD
TXD
LEDA
GP2W0106YP-8
φ2.2
φ2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com