Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2W0106YP Datasheet(PDF) 7 Page - Sharp Corporation

Part # GP2W0106YP
Description  115 kbps Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W0106YP Datasheet(HTML) 7 Page - Sharp Corporation

Back Button GP2W0106YP Datasheet HTML 3Page - Sharp Corporation GP2W0106YP Datasheet HTML 4Page - Sharp Corporation GP2W0106YP Datasheet HTML 5Page - Sharp Corporation GP2W0106YP Datasheet HTML 6Page - Sharp Corporation GP2W0106YP Datasheet HTML 7Page - Sharp Corporation GP2W0106YP Datasheet HTML 8Page - Sharp Corporation GP2W0106YP Datasheet HTML 9Page - Sharp Corporation GP2W0106YP Datasheet HTML 10Page - Sharp Corporation GP2W0106YP Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
115 kbps Transceiver
GP2W0106YP
IrDA Data Sheet
7
Electrical Characteristics
TOPR = -40°C to +85°C, VDD = 2.0 V to 3.6 V unless otherwise specified
NOTES:
1. No input signal, VILSD = 0 V. Output terminal open.
2. No input signal, VIHSD = VDD. Output terminal open. VDD = 3.3 V.
3. IOH = 20 µA. See Figures 9, 10, and 11.
4. BR = 115.2 kbps,
φ ≤ 15°, See Figures 9, 10, and 11.
5. BR = 115.2 kbps,
φ ≤ 15°, TOPR = 25°C. See Figures 9, 10, and 11.
6. No input signal.
7. BR = 115.2 kbps,
φ ≤ 15°, TOPR = 25°C. VDD = VLEDA = 3.3 V. VIHTXD = 2.8 V.
See Figures 12, 13, and 14.
8. BR = 115.2 kbps. See Figures 12, 13, and 14.
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
NOTES
Current consumption at no input signal
IDD
100
170
µA
1
Current consumption at shut-down mode
IDD-S
0.01
0.2
µA
2
High level output voltage
VOH
VDD
V3
Low level output voltage
VOL
0.5
V
4
Rise time
tr
0.4
µs
5
Fall time
tf
0.4
µs
5
Low level pulse width
tw
1.0
3.0
µs
5
Reception distance
L
20
cm
5
Input irradiance
Ee
9.0
µW/cm2
5
Receiver latency
tl
30
500
µs
Receiver wakeup time
tsdw
60
500
µs
6
Radiant intensity
IE
3.6
25
mW/sr
7
LED peak current
ILED
16
20
26
mA
7
Rise time
tr
0.6
µs
8
Fall time
tf
0.6
µs
8
Peak emission wavelength
λp
870
nm
Figure 9. Input Signal Waveform (Detector Side)
NOTE: At BR = 2.4 kbps: T1 = 416.7 µs, T2 = 78.1 µs
At BR = 115.2 kbps: T1 = 8.68 µs, T2 = 1.63 µs
T1
T2
RADIATION
INTENSITY OF
TRANSMITTER
3.6 mW/sr
T1
GP2W0106YP-9
Figure 10. Output Waveform (Detector Side)
tW
VOL
tR
tF
VOH
90%
50%
10%
GP2W0106YP-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com