Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2W0106YP Datasheet(PDF) 6 Page - Sharp Corporation

Part # GP2W0106YP
Description  115 kbps Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W0106YP Datasheet(HTML) 6 Page - Sharp Corporation

Back Button GP2W0106YP Datasheet HTML 2Page - Sharp Corporation GP2W0106YP Datasheet HTML 3Page - Sharp Corporation GP2W0106YP Datasheet HTML 4Page - Sharp Corporation GP2W0106YP Datasheet HTML 5Page - Sharp Corporation GP2W0106YP Datasheet HTML 6Page - Sharp Corporation GP2W0106YP Datasheet HTML 7Page - Sharp Corporation GP2W0106YP Datasheet HTML 8Page - Sharp Corporation GP2W0106YP Datasheet HTML 9Page - Sharp Corporation GP2W0106YP Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
GP2W0106YP
115 kbps Transceiver
6
IrDA Data Sheet
RATINGS AND CHARACTERISTICS
Absolute Maximum Ratings
NOTES:
1. Pulse width: 78.1 µs. Duty ratio: 3/16.
2. Recommended condition: -20°C to +85°C.
3. Soldering reflow time: 5 seconds.
Recommended Operating Conditions
NOTES:
1. Shut down mode
2. Normal mode
3. LED ON. See Figure 14.
4. LED OFF. See Figure 14.
PARAMETER
SYMBOL
RATINGS
UNIT
NOTES
Supply voltage
VDD
0 to 6.0
V
LED supply voltage
VLEDA
0 to VDD +1.0
V
Peak forward current
IFM
60
mA
1
Operating temperature
TOPR
-20 to +85
°C2
Storage temperature
TSTG
-40 to +85
°C
Soldering temperature
TSOL
230
°C3
PARAMETER
SYMBOL
OPERATING CONDITION
UNIT
NOTES
Supply voltage
VDD
2.0 to 3.6
V
LED supply voltage
VLEDA
2.0 to VDD +1.0
V
Operating temperature
TOPR
-20 to +85
°C
Data rate
BR
2.4 to 115.2
kbps
SD terminal high level input voltage
VIHSD
VDD × 0.95 to VDD
V1
SD terminal low level input voltage
VILSD
0.0 to VDD × 0.1
V
2
TXD high level input voltage
VIHTXD
VDD × 0.8 to VDD
V3
TXD low level input voltage
VILTXD
0.0 to VDD × 0.2
V
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com