Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH28F016SC-L Datasheet(PDF) 13 Page - Sharp Corporation

Part # LH28F016SC-L
Description  16 M-bit (2 MB x 8) SmartVoltage Flash Memories
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F016SC-L Datasheet(HTML) 13 Page - Sharp Corporation

Back Button LH28F016SC-L Datasheet HTML 9Page - Sharp Corporation LH28F016SC-L Datasheet HTML 10Page - Sharp Corporation LH28F016SC-L Datasheet HTML 11Page - Sharp Corporation LH28F016SC-L Datasheet HTML 12Page - Sharp Corporation LH28F016SC-L Datasheet HTML 13Page - Sharp Corporation LH28F016SC-L Datasheet HTML 14Page - Sharp Corporation LH28F016SC-L Datasheet HTML 15Page - Sharp Corporation LH28F016SC-L Datasheet HTML 16Page - Sharp Corporation LH28F016SC-L Datasheet HTML 17Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
- 13 -
LH28F016SC-L/SCH-L
the device automatically outputs status register data
when read (see Fig. 3). The CPU can detect block
erase completion by analyzing the output data of
the RY/BY# pin or status register bit SR.7.
When the block erase is complete, status register
bit SR.5 should be checked. If a block erase error
is detected, the status register should be cleared
before system software attempts corrective actions.
The CUI remains in read status register mode until
a new command is issued.
This two-step command sequence of set-up
followed by execution ensures that block contents
are not accidentally erased. An invalid Block Erase
command sequence will result in both status
register bits SR.4 and SR.5 being set to "1". Also,
reliable block erasure can only occur when VCC =
VCC2/3/4 and VPP = VPPH1/2/3. In the absence of this
high voltage, block contents are protected against
erasure. If block erase is attempted while VPP
≤
VPPLK, SR.3 and SR.5 will be set to "1". Successful
block erase requires that the corresponding block
lock-bit be cleared or, if set, that RP# = VHH. If
block erase is attempted when the corresponding
block lock-bit is set and RP# = VIH, SR.1 and SR.5
will be set to “1”. Block erase operations with VIH <
RP# < VHH produce spurious results and should
not be attempted.
4.6
Byte Write Command
Byte write is executed by a two-cycle command
sequence. Byte write setup (standard 40H or
alternate 10H) is written, followed by a second write
that specifies the address and data (latched on the
rising edge of WE#). The WSM then takes over,
controlling the byte write and write verify algorithms
internally. After the byte write sequence is written,
the device automatically outputs status register data
when read (see Fig. 4). The CPU can detect the
completion of the byte write event by analyzing the
RY/BY# pin or status register bit SR.7.
When byte write is complete, status register bit
SR.4 should be checked. If byte write error is
detected, the status register should be cleared. The
internal WSM verify only detects errors for “1”s that
do not successfully write to “0”s. The CUI remains
in read status register mode until it receives another
command.
Reliable byte writes can only occur when VCC =
VCC2/3/4 and VPP = VPPH1/2/3. In the absence of this
high voltage, memory contents are protected
against byte writes. If byte write is attempted while
VPP
≤ VPPLK, status register bits SR.3 and SR.4 will
be set to "1". Successful byte write requires that the
corresponding block lock-bit be cleared or, if set,
that RP# = VHH. If byte write is attempted when the
corresponding block lock-bit is set and RP# = VIH,
SR.1 and SR.4 will be set to "1". Byte write
operations with VIH < RP# < VHH produce spurious
results and should not be attempted.
4.7
Block Erase Suspend Command
The Block Erase Suspend command allows block
erase interruption to read or byte write data in
another block of memory. Once the block erase
process starts, writing the Block Erase Suspend
command requests that the WSM suspend the
block erase sequence at a predetermined point in
the algorithm. The device outputs status register
data when read after the Block Erase Suspend
command is written. Polling status register bits
SR.7 and SR.6 can determine when the block
erase operation has been suspended (both will be
set to "1"). RY/BY# will also transition to VOH.
Specification tWHRH2 defines the block erase
suspend latency.
At this point, a Read Array command can be
written to read data from blocks other than that
which is suspended. A Byte Write command
sequence can also be issued during erase suspend
to program data in other blocks. Using the Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com