Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH28F016SC-L Datasheet(PDF) 29 Page - Sharp Corporation

Part # LH28F016SC-L
Description  16 M-bit (2 MB x 8) SmartVoltage Flash Memories
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F016SC-L Datasheet(HTML) 29 Page - Sharp Corporation

Back Button LH28F016SC-L Datasheet HTML 25Page - Sharp Corporation LH28F016SC-L Datasheet HTML 26Page - Sharp Corporation LH28F016SC-L Datasheet HTML 27Page - Sharp Corporation LH28F016SC-L Datasheet HTML 28Page - Sharp Corporation LH28F016SC-L Datasheet HTML 29Page - Sharp Corporation LH28F016SC-L Datasheet HTML 30Page - Sharp Corporation LH28F016SC-L Datasheet HTML 31Page - Sharp Corporation LH28F016SC-L Datasheet HTML 32Page - Sharp Corporation LH28F016SC-L Datasheet HTML 33Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
LH28F016SC-L/SCH-L
- 29 -
6.2.3 DC CHARACTERISTICS (contd.)
SYMBOL
PARAMETER
NOTE
VCC = 2.7 to 3.6 V VCC = 3.3±0.3 V VCC = 5.0±0.5 V
UNIT
TEST
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
CONDITIONS
VIL
Input Low Voltage
7
–0.5
0.8
–0.5
0.8
–0.5
0.8
V
VIH
Input High Voltage
7
2.0
VCC
2.0
VCC
2.0
VCC
V
+0.5
+0.5
+0.5
VCC = VCC Min.
VOL
Output Low Voltage
3, 7
0.4
0.4
0.45
V
IOL = 5.8 mA (5 V)
IOL = 2.0 mA (3.3 V, 2.7 V)
Output High Voltage
VCC = VCC Min.
VOH1
(TTL)
3, 7
2.4
2.4
2.4
V
IOH = –2.5 mA (5 V)
IOH = –2.0 mA (3.3 V, 2.7 V)
0.85
0.85
0.85
V
VCC = VCC Min.
VOH2
Output High Voltage
3, 7
VCC
VCC
VCC
IOH = –2.5 mA
(CMOS)
VCC
VCC
VCC
V
VCC = VCC Min.
–0.4
–0.4
–0.4
IOH = –100 µA
VPPLK
VPP Lockout Voltage during
4, 7
1.5
1.5
1.5
V
Normal Operations
VPP Voltage during
VPPH1 Byte Write, Block Erase
—
—
3.0
3.6
—
—
V
or Lock-Bit Operations
VPP Voltage during
VPPH2 Byte Write, Block Erase
—
—
4.5
5.5
4.5
5.5
V
or Lock-Bit Operations
VPP Voltage during
VPPH3 Byte Write, Block Erase
—
—
11.4
12.6
11.4
12.6
V
or Lock-Bit Operations
VLKO
VCC Lockout Voltage
2.0
2.0
2.0
V
Set master lock-bit
VHH
RP# Unlock Voltage
8, 9
—
—
11.4
12.6
11.4
12.6
V
Override master and
block lock-bit
NOTES :
1.
All currents are in RMS unless otherwise noted. Typical
values at nominal VCC voltage and TA = +25˚C. These
currents are valid for all product versions (packages and
speeds).
2.
ICCWS and ICCES are specified with the device de-
selected. If reading or byte writing in erase suspend
mode, the device’s current draw is the sum of ICCWS or
ICCES and ICCR or ICCW, respectively.
3.
Includes RY/BY#.
4.
Block erases, byte writes, and lock-bit configurations are
inhibited when VPP
≤ VPPLK, and not guaranteed in the
range between VPPLK (max.) and VPPH1 (min.), between
VPPH1 (max.) and VPPH2 (min.), between VPPH2 (max.)
and VPPH3 (min.), and above VPPH3 (max.).
5.
Automatic Power Saving (APS) reduces typical ICCR to
1 mA at 5 V VCC and 3 mA at 2.7 V and 3.3 V VCC in
static operation.
6.
CMOS inputs are either VCC±0.2 V or GND±0.2 V. TTL
inputs are either VIL or VIH.
7.
Sampled, not 100% tested.
8.
Master lock-bit set operations are inhibited when RP# =
VIH. Block lock-bit configuration operations are inhibited
when the master lock-bit is set and RP# = VIH. Block
erases and byte writes are inhibited when the
corresponding block lock-bit is set and RP# = VIH. Block
erase, byte write, and lock-bit configuration operations
are not guaranteed with VCC < 3.0 V or VIH < RP# <
VHH and should not be attempted.
9.
RP# connection to a VHH supply is allowed for a
maximum cumulative period of 80 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com