Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH28F016SC-L Datasheet(PDF) 39 Page - Sharp Corporation

Part # LH28F016SC-L
Description  16 M-bit (2 MB x 8) SmartVoltage Flash Memories
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F016SC-L Datasheet(HTML) 39 Page - Sharp Corporation

Back Button LH28F016SC-L Datasheet HTML 35Page - Sharp Corporation LH28F016SC-L Datasheet HTML 36Page - Sharp Corporation LH28F016SC-L Datasheet HTML 37Page - Sharp Corporation LH28F016SC-L Datasheet HTML 38Page - Sharp Corporation LH28F016SC-L Datasheet HTML 39Page - Sharp Corporation LH28F016SC-L Datasheet HTML 40Page - Sharp Corporation LH28F016SC-L Datasheet HTML 41Page - Sharp Corporation LH28F016SC-L Datasheet HTML 42Page - Sharp Corporation LH28F016SC-L Datasheet HTML 43Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
LH28F016SC-L/SCH-L
- 39 -
6.2.7 RESET OPERATIONS
VIH
VOH
VOL
VIL
RY/BY# (R)
(A) Reset During Read Array Mode
(B) Reset During Block Erase, Byte Write, or Lock-Bit Configuration
(C) RP# Rising Timing
tPLPH
RP# (P)
VIH
VOH
VOL
VIL
RY/BY# (R)
tPLRH
tPLPH
RP# (P)
VIH
2.7 V/3.3 V/5 V
VIL
VIL
VCC
t235VPH
RP# (P)
Fig. 16
AC Waveform for Reset Operation
Reset AC Specifications (NOTE 1)
NOTES :
1.
These specifications are valid for all product versions
(packages and speeds).
2.
If RP# is asserted while a block erase, byte write, or
lock-bit configuration operation is not executing, the reset
will complete within 100 ns.
3.
A reset time, tPHQV, is required from the latter of RY/BY#
or RP# going high until outputs are valid.
4.
When the device power-up, holding RP#-low minimum
100 ns is required after VCC has been in predefined
range and also has been in stable there.
VCC = 2.7 to 3.6 V
VCC = 3.3±0.3 V
VCC = 5.0±0.5 V
SYMBOL
PARAMETER
NOTE
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
UNIT
RP# Pulse Low Time
tPLPH
(If RP# is tied to VCC, this
100
100
100
ns
specification is not applicable)
RP# Low to Reset during
tPLRH
Block Erase, Byte Write or
2, 3
—
20
12
µs
Lock-Bit Configuration
VCC 2.7 V to RP# High
t235VPH
VCC 3.0 V to RP# High
4
100
100
100
ns
VCC 4.5 V to RP# High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com