Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8810 Datasheet(PDF) 21 Page - Active-Semi, Inc

Part # ACT8810
Description  Eight Channel ActivePath??Power Management IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8810 Datasheet(HTML) 21 Page - Active-Semi, Inc

Back Button ACT8810 Datasheet HTML 17Page - Active-Semi, Inc ACT8810 Datasheet HTML 18Page - Active-Semi, Inc ACT8810 Datasheet HTML 19Page - Active-Semi, Inc ACT8810 Datasheet HTML 20Page - Active-Semi, Inc ACT8810 Datasheet HTML 21Page - Active-Semi, Inc ACT8810 Datasheet HTML 22Page - Active-Semi, Inc ACT8810 Datasheet HTML 23Page - Active-Semi, Inc ACT8810 Datasheet HTML 24Page - Active-Semi, Inc ACT8810 Datasheet HTML 25Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
STEP-DOWN DC/DC CONVERTERS
ACT8810
Rev 8, 08-Oct-10
Active-Semi
Innovative Power
TM
- 21 -
www.active-semi.com
Copyright © 2010 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
(ACT8810QJ3EB, VVP3 = 3.6V, L = 3.3µH, CVP3 = 4.7μF, COUT3 = 10μF, TA = 25°C, unless otherwise specified.)
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
OUT3 Regulation Voltage vs. Tempera-
1.812
1.788
Temperature (°C)
-20
-40
0
20
40
60
1.808
1.804
1.800
1.796
1.792
IOUT3 = 35mA
85
VP3 Input Voltage (V)
6.0
0.1
REG3 RDSON vs. VP3 Input Voltage
0.45
0.35
0.25
0.50
0.40
0.30
0.20
0.15
5.0
4.5
4.0
3.5
3.0
PMOS
NMOS
REG3 Efficiency vs. Load Current
1000
Load Current (mA)
80
10
100
VVSYS = 4.2V
VOUT3 = 1.2V
60
40
20
1
0
100
VVSYS = 3.6V
VVSYS = 4.6V
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com