Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8810 Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT8810
Description  Eight Channel ActivePath??Power Management IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8810 Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT8810 Datasheet HTML 1Page - Active-Semi, Inc ACT8810 Datasheet HTML 2Page - Active-Semi, Inc ACT8810 Datasheet HTML 3Page - Active-Semi, Inc ACT8810 Datasheet HTML 4Page - Active-Semi, Inc ACT8810 Datasheet HTML 5Page - Active-Semi, Inc ACT8810 Datasheet HTML 6Page - Active-Semi, Inc ACT8810 Datasheet HTML 7Page - Active-Semi, Inc ACT8810 Datasheet HTML 8Page - Active-Semi, Inc ACT8810 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
ACT8810
Rev 8, 08-Oct-10
Active-Semi
Innovative Power
TM
- 4 -
www.active-semi.com
Copyright © 2010 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
PIN CONFIGURATION
ORDERING INFORMATION
TOP VIEW
Thin - QFN (TQFN55-40)
: All Active-Semi components are RoHS Compliant and with Pb-free plating unless specified differently. The term Pb-free means
semiconductor products that are in compliance with current RoHS (Restriction of Hazardous Substances) standards.
: To select VSTBYx as a output regulation voltage of REGx, tie VSEL to VSYS or a logic high.
: Refer to the Control Sequence section for more information.
PART
NUMBER
VOUT1/VSTBY1
VOUT2/VSTBY2 VOUT3/VSTBY3 VOUT4 VOUT5 VOUT6 CONTROL SEQUENCE
ACT8810QJ1C1-T
3.3V/3.3V
1.1V/1.2V
1.2V/1.2V
1.2V
2.8V
3.3V
Sequence A
ACT8810QJ213-T
1.2V/1.2V
1.8V/1.8V
1.0V/1.0V
3.3V
1.2V
3.0V
Sequence B
ACT8810QJ3EB-T
3.3V/3.3V
1.2V/1.2V
1.8V/1.8V
1.5V
2.8V
3.3V
Sequence C
ACT8810QJ420-T
3.3V/3.3V
1.8V/1.8V
1.1V/1.2V
1.2V
3.3V
2.5V
Sequence D
ACT8810QJ50F-T
1.2V/1.2V
3.3V/3.3V
1.8V/1.8V
3.3V
1.8V
3.0V
Sequence E
TH
DCCC
ACIN
BAT
BAT
VSYS
VSYS
CHG_IN
ISET
ACT8810
BTR
OUT5
VP3
SW3
GP3
OUT3
nPBIN
SDA
SCL
ON3
OUT6
Active-Semi
EP
PACKAGING DETAILS
PACKAGE
PINS
TEMPERATURE
RANGE
PACKING
ACT8810QJ###-T
TQFN55-40
40
-40°C to +85°C
TAPE & REEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com