Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8810 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT8810
Description  Eight Channel ActivePath??Power Management IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8810 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT8810 Datasheet HTML 1Page - Active-Semi, Inc ACT8810 Datasheet HTML 2Page - Active-Semi, Inc ACT8810 Datasheet HTML 3Page - Active-Semi, Inc ACT8810 Datasheet HTML 4Page - Active-Semi, Inc ACT8810 Datasheet HTML 5Page - Active-Semi, Inc ACT8810 Datasheet HTML 6Page - Active-Semi, Inc ACT8810 Datasheet HTML 7Page - Active-Semi, Inc ACT8810 Datasheet HTML 8Page - Active-Semi, Inc ACT8810 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2010 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
Rev 8, 08-Oct-10
ACT8810
SYSTEM BLOCK DIAGRAM
Active-Semi
Eight Channel ActivePath
TM Power Management IC
FEATURES
• ActivePathTM Li+ Charger with System Power
Selection
• Six Integrated Regulators
− 1.3A High Efficiency Step-Down DC/DC
− 1.0A High Efficiency Step-Down DC/DC
− 0.55A High Efficiency Step-Down DC/DC
− 2×360mA Low Noise, High PSRR LDOs
− 30mA RTC LDO / Backup Battery Charger
• I2CTM Serial Interface
• Minimal External Components
• Compatible with USB or AC-Adapter
Charging
• 5mm × 5mm, Thin-QFN (TQFN55-40) Package
− Only 0.75mm Height
− RoHS Compliant
APPLICATIONS
• Personal Navigation Devices
• Portable Media Players
• Smart Phones
GENERAL DESCRIPTION
The patent-pending ACT8810 is a complete, cost
effective,
highly-efficient
ActivePMU
TM
power
management solution that is ideal for a wide range of
high performance portable handheld applications such
as personal navigation devices (PNDs). This device
integrates the ActivePathTM complete battery charging
and management system with six power supply
channels.
The ActivePath architecture automatically selects the
best available input supply for the system. If the
external input source is not present or the system load
current is more than the input source can provide, the
ActivePath
supplies additional current from the battery
to the system. The charger is a complete, thermally-
regulated, stand-alone single-cell linear Li+ charger
that incorporates an internal power MOSFET.
REG1, REG2, and REG3 are three independent,
fixed-frequency, current-mode step-down DC/DC
converters that output 1.3A, 1.0A, and 0.55A,
respectively. REG4 and REG5 are high performance,
low-noise, low-dropout linear regulators that output
up to 360mA each. REG6 is a RTC LDO that
outputs up to 30mA for a real time clock. Finally, an
I2C serial interface provides programmability for the
DC/DC converters and LDOs.
The ACT8810 is available in a tiny 5mm x 5mm 40-
pin Thin-QFN package that is just 0.75mm thin.
OUT4
0.9V to 3.3V
Up to 360mA
OUT3
Adjustable, or
0.8V to 4.4V
Up to 0.55A
System
Control
OUT1
Adjustable, or
0.8V to 4.4V
Up to 1.3A
OUT5
0.9V to 3.3V
Up to 360mA
nIRQ
ON1
ON3
nPBIN
ActivePath
TM
&
Single-Cell Li+
Battery Charger
Battery
Programmable
Up to 1A
VSYS
CHG_IN
CHGLEV
DCCC
OUT2
Adjustable, or
0.8V to 4.4V
Up to 1.0A
nSTAT1
ACIN
nRSTO
SCL
SDA
VSEL
ISET
OUT6
0.9V to 3.3V
Up to 30mA
REG6
RTC_LDO
ACT8810
REG1
Step-Down
DC/DC
REG2
Step-Down
DC/DC
REG3
Step-Down
DC/DC
REG4
LDO
REG5
LDO
ON2
TH
BTR
nSTAT0
PMU
PMU
PMU TM
Active


Similar Part No. - ACT8810

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8810 ACTIVE-SEMI-ACT8810 Datasheet
150Kb / 2P
Eight Channel ActivePath??Power Management IC
12-Mar-09
ACT8810 ACTIVE-SEMI-ACT8810 Datasheet
889Kb / 52P
Eight Channel ActivePathTM Power Management IC
Rev 4, 01-Oct-09
ACT8810 ACTIVE-SEMI-ACT8810 Datasheet
768Kb / 53P
Eight Channel ActivePath Power Management IC
Rev 9, 15-Nov-12
ACT8810 ACTIVE-SEMI-ACT8810 Datasheet
766Kb / 54P
Eight Channel ActivePathTM Power Management IC
Rev 9, 15-Nov-12
ACT8810QJ1C1-T ACTIVE-SEMI-ACT8810QJ1C1-T Datasheet
889Kb / 52P
Eight Channel ActivePathTM Power Management IC
Rev 4, 01-Oct-09
More results

Similar Description - ACT8810

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Active-Semi, Inc
ACT8810 ACTIVE-SEMI-ACT8810 Datasheet
150Kb / 2P
Eight Channel ActivePath??Power Management IC
12-Mar-09
ACT8828 ACTIVE-SEMI-ACT8828 Datasheet
141Kb / 2P
Six Channel ActivePath??Power Management IC
12-Mar-09
ACT8935 ACTIVE-SEMI-ACT8935 Datasheet
165Kb / 2P
Nine Channel ActivePath??Power Management IC
24-Sep-09
ACT8810 ACTIVE-SEMI-ACT8810_09 Datasheet
889Kb / 52P
Eight Channel ActivePathTM Power Management IC
Rev 4, 01-Oct-09
ACT8810 ACTIVE-SEMI-ACT8810_12 Datasheet
768Kb / 53P
Eight Channel ActivePath Power Management IC
Rev 9, 15-Nov-12
ACT8828 ACTIVE-SEMI-ACT8828_12 Datasheet
720Kb / 50P
Six Channel ActivePathTM Power Management IC
Rev 7, 15-Nov-12
ACT8810 ACTIVE-SEMI-ACT8810_14 Datasheet
766Kb / 54P
Eight Channel ActivePathTM Power Management IC
Rev 9, 15-Nov-12
ACT8828 ACTIVE-SEMI-ACT8828_14 Datasheet
719Kb / 51P
Six Channel ActivePathTM Power Management IC
Rev 7, 15-Nov-12
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
Power Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com