Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8810 Datasheet(PDF) 33 Page - Active-Semi, Inc

Part # ACT8810
Description  Eight Channel ActivePath??Power Management IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8810 Datasheet(HTML) 33 Page - Active-Semi, Inc

Back Button ACT8810 Datasheet HTML 29Page - Active-Semi, Inc ACT8810 Datasheet HTML 30Page - Active-Semi, Inc ACT8810 Datasheet HTML 31Page - Active-Semi, Inc ACT8810 Datasheet HTML 32Page - Active-Semi, Inc ACT8810 Datasheet HTML 33Page - Active-Semi, Inc ACT8810 Datasheet HTML 34Page - Active-Semi, Inc ACT8810 Datasheet HTML 35Page - Active-Semi, Inc ACT8810 Datasheet HTML 36Page - Active-Semi, Inc ACT8810 Datasheet HTML 37Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
LOW-DROPOUT LINEAR REGULATORS
ACT8810
Rev 8, 08-Oct-10
Active-Semi
Innovative Power
TM
- 33 -
www.active-semi.com
Copyright © 2010 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
0
TYPICAL PERFORMANCE CHARACTERISTICS
(ACT8810QJ3EB, VVSYS = 5V, TA = 25°C, unless otherwise specified.)
Output Regulation Voltage vs. Load Current
Load Current (mA)
1.5
1.0
0.5
0.0
-0.5
-1.0
Output Voltage Deviation vs. Temperature
Temperature (°C)
-40
85
10
35
60
LDO Output Voltage Noise
CH1
CH1: VOUTx, 200µV/div (AC COUPLED)
TIME: 200ms/div
CREF = 10nF
40
80
120
160
200
240
280 320 360
-0.5
2.00
1.50
1.00
0.50
-15
ILOAD = 0mA
0.00
-1.5
Region of Stable COUT ESR vs. Output Current
1
0.1
0.01
0
50
100
150
200
250
300
360
Output Current (mA)
Stable ESR
Output Current (mA)
Dropout Voltage vs. Output Current
200
50
0
150
100
200
175
225
150
125
100
75
50
25
0
250
300
360
REG4, REG5
3.1V
3.3V
3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com