Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G08 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC2G08
Description  Dual 2-input AND gate
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G08 Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC2G08 Datasheet HTML 1Page - NXP Semiconductors 74LVC2G08 Datasheet HTML 2Page - NXP Semiconductors 74LVC2G08 Datasheet HTML 3Page - NXP Semiconductors 74LVC2G08 Datasheet HTML 4Page - NXP Semiconductors 74LVC2G08 Datasheet HTML 5Page - NXP Semiconductors 74LVC2G08 Datasheet HTML 6Page - NXP Semiconductors 74LVC2G08 Datasheet HTML 7Page - NXP Semiconductors 74LVC2G08 Datasheet HTML 8Page - NXP Semiconductors 74LVC2G08 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
74LVC2G08
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 9 — 20 October 2010
2 of 21
NXP Semiconductors
74LVC2G08
Dual 2-input AND gate
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC2G08DP
−40 °C to +125 °C
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm; lead length 0.5 mm
SOT505-2
74LVC2G08DC
−40 °C to +125 °C
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
74LVC2G08GT
−40 °C to +125 °C
XSON8
plastic extremely thin small outline package; no leads;
8 terminals; body 1
× 1.95 × 0.5 mm
SOT833-1
74LVC2G08GF
−40 °C to +125 °C
XSON8
extremely thin small outline package; no leads;
8 terminals; body 1.35
× 1 × 0.5 mm
SOT1089
74LVC2G08GD
−40 °C to +125 °C
XSON8U
plastic extremely thin small outline package; no leads;
8 terminals; UTLP based; body 3
× 2 × 0.5 mm
SOT996-2
74LVC2G08GM
−40 °C to +125 °C
XQFN8U
plastic extremely thin quad flat package; no leads;
8 terminals; UTLP based; body 1.6
× 1.6 × 0.5 mm
SOT902-1
74LVC2G08GN
−40 °C to +125 °C
XSON8
extremely thin small outline package; no leads;
8 terminals; body 1.2
× 1.0 × 0.35 mm
SOT1116
74LVC2G08GS
−40 °C to +125 °C
XSON8
extremely thin small outline package; no leads;
8 terminals; body 1.35
× 1.0 × 0.35 mm
SOT1203
Table 2.
Marking codes
Type number
Marking code[1]
74LVC2G08DP
V08
74LVC2G08DC
V08
74LVC2G08GT
V08
74LVC2G08GF
VE
74LVC2G08GD
V08
74LVC2G08GM
V08
74LVC2G08GN
VE
74LVC2G08GS
VE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com