Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G08 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 74LVC2G08
Description  Dual 2-input AND gate
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G08 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74LVC2G08 Datasheet HTML 10Page - NXP Semiconductors 74LVC2G08 Datasheet HTML 11Page - NXP Semiconductors 74LVC2G08 Datasheet HTML 12Page - NXP Semiconductors 74LVC2G08 Datasheet HTML 13Page - NXP Semiconductors 74LVC2G08 Datasheet HTML 14Page - NXP Semiconductors 74LVC2G08 Datasheet HTML 15Page - NXP Semiconductors 74LVC2G08 Datasheet HTML 16Page - NXP Semiconductors 74LVC2G08 Datasheet HTML 17Page - NXP Semiconductors 74LVC2G08 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
74LVC2G08
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 9 — 20 October 2010
14 of 21
NXP Semiconductors
74LVC2G08
Dual 2-input AND gate
Fig 14. Package outline SOT996-2 (XSON8U)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT996-2
- - -
- - -
SOT996-2
07-12-18
07-12-21
UNIT
A
max
mm
0.5
0.05
0.00
0.35
0.15
3.1
2.9
0.5
1.5
0.5
0.3
0.6
0.4
0.1
0.05
A1
DIMENSIONS (mm are the original dimensions)
XSON8U: plastic extremely thin small outline package; no leads;
8 terminals; UTLP based; body 3 x 2 x 0.5 mm
0
1
2 mm
scale
b
D
2.1
1.9
E
e
e1
L
L1
0.15
0.05
L2
v
w
0.05
y
y1
0.1
C
y
C
y1
X
b
14
85
e1
e
A
C
B
v M
C
w M
L2
L1
L
terminal 1
index area
B
A
D
E
detail X
A
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com