Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G08 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC2G08
Description  Dual 2-input AND gate
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G08 Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC2G08 Datasheet HTML 1Page - NXP Semiconductors 74LVC2G08 Datasheet HTML 2Page - NXP Semiconductors 74LVC2G08 Datasheet HTML 3Page - NXP Semiconductors 74LVC2G08 Datasheet HTML 4Page - NXP Semiconductors 74LVC2G08 Datasheet HTML 5Page - NXP Semiconductors 74LVC2G08 Datasheet HTML 6Page - NXP Semiconductors 74LVC2G08 Datasheet HTML 7Page - NXP Semiconductors 74LVC2G08 Datasheet HTML 8Page - NXP Semiconductors 74LVC2G08 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
74LVC2G08
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 9 — 20 October 2010
4 of 21
NXP Semiconductors
74LVC2G08
Dual 2-input AND gate
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care.
Fig 6.
Pin configuration SOT996-2
Fig 7.
Pin configuration SOT902-1
001aai245
74LVC2G08
Transparent top view
8
7
6
5
1
2
3
4
1A
1B
2Y
GND
VCC
1Y
2B
2A
001aae983
1B
2B
1A
2Y
1Y
2A
Transparent top view
3
6
1
5
7
2
terminal 1
index area
74LVC2G08
Table 3.
Pin description
Symbol
Pin
Description
SOT505-2, SOT765-1, SOT833-1, SOT1089,
SOT996-2, SOT1116 and SOT1203
SOT902-1
1A
1
7
data input
1B
2
6
data input
2Y
3
5
data output
GND
4
4
ground (0 V)
2A
5
3
data input
2B
6
2
data input
1Y
7
1
data output
VCC
8
8
supply voltage
Table 4.
Function table[1]
Input
Output
nA
nB
nY
LX
L
XL
L
HHH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com