Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G08 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC2G08
Description  Dual 2-input AND gate
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G08 Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC2G08 Datasheet HTML 1Page - NXP Semiconductors 74LVC2G08 Datasheet HTML 2Page - NXP Semiconductors 74LVC2G08 Datasheet HTML 3Page - NXP Semiconductors 74LVC2G08 Datasheet HTML 4Page - NXP Semiconductors 74LVC2G08 Datasheet HTML 5Page - NXP Semiconductors 74LVC2G08 Datasheet HTML 6Page - NXP Semiconductors 74LVC2G08 Datasheet HTML 7Page - NXP Semiconductors 74LVC2G08 Datasheet HTML 8Page - NXP Semiconductors 74LVC2G08 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
General description
The 74LVC2G08 provides a 2-input AND gate function.
Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of the
74LVC2G08 as a translator in a mixed 3.3 V and 5 V environment.
This device is fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing a damaging backflow current through the device
when it is powered down.
2.
Features and benefits
Wide supply voltage range from 1.65 V to 5.5 V
5 V tolerant outputs for interfacing with 5 V logic
High noise immunity
±24 mA output drive (V
CC =3.0 V)
CMOS low power consumption
Complies with JEDEC standard:
JESD8-7 (1.65 V to 1.95 V)
JESD8-5 (2.3 V to 2.7 V)
JESD8-B/JESD36 (2.7 V to 3.6 V)
Latch-up performance exceeds 250 mA
Direct interface with TTL levels
Inputs accept voltages up to 5 V
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
Multiple package options
Specified from
−40 °Cto +85 °C and −40 °Cto+125 °C
74LVC2G08
Dual 2-input AND gate
Rev. 9 — 20 October 2010
Product data sheet


Similar Part No. - 74LVC2G08

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
74LVC2G08 PANASONIC-74LVC2G08 Datasheet
87Kb / 15P
Dual 2-input AND gate
logo
NXP Semiconductors
74LVC2G08 NXP-74LVC2G08 Datasheet
102Kb / 16P
Dual 2-input AND gate
Rev. 08-9 June 2008
logo
Diodes Incorporated
74LVC2G08 DIODES-74LVC2G08 Datasheet
463Kb / 11P
DUAL 2-INPUT AND GATE
Rev 1
logo
Nexperia B.V. All right...
74LVC2G08 NEXPERIA-74LVC2G08 Datasheet
292Kb / 20P
Dual 2-input AND gate
Rev. 18 - 23 January 2023
74LVC2G08-Q100 NEXPERIA-74LVC2G08-Q100 Datasheet
222Kb / 13P
Dual 2-input AND gate
More results

Similar Description - 74LVC2G08

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W08F TOSHIBA-TC7W08F Datasheet
204Kb / 7P
DUAL 2-INPUT AND GATE
TC7WH08FU TOSHIBA-TC7WH08FU Datasheet
195Kb / 6P
DUAL 2-INPUT AND GATE
logo
NXP Semiconductors
74HC2G08 PHILIPS-74HC2G08 Datasheet
85Kb / 16P
Dual 2-input AND gate
2002 Nov 15
74AHC2G08 PHILIPS-74AHC2G08 Datasheet
90Kb / 17P
Dual 2-input AND gate
Rev. 02-18 October 2004
logo
Toshiba Semiconductor
TC7W08F TOSHIBA-TC7W08F_01 Datasheet
236Kb / 8P
DUAL 2-INPUT AND GATE
logo
Renesas Technology Corp
RD74LVC2G08 RENESAS-RD74LVC2G08 Datasheet
2Mb / 8P
Dual 2-Input AND Gate
logo
NXP Semiconductors
74LVC2G08 NXP-74LVC2G08 Datasheet
102Kb / 16P
Dual 2-input AND gate
Rev. 08-9 June 2008
logo
ON Semiconductor
NL27WZ08 ONSEMI-NL27WZ08_12 Datasheet
101Kb / 5P
Dual 2-Input AND Gate
April, 2012 ??Rev. 10
logo
Nexperia B.V. All right...
74HC2G08-Q100 NEXPERIA-74HC2G08-Q100 Datasheet
213Kb / 13P
Dual 2-input AND gate
logo
ON Semiconductor
NL27WZ08 ONSEMI-NL27WZ08_V01 Datasheet
330Kb / 13P
Dual 2-Input AND Gate
October, 2020 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com