Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV6291AILT Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSV6291AILT
Description  Micropower with high merit factor CMOS operational amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6291AILT Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSV6291AILT Datasheet HTML 4Page - STMicroelectronics TSV6291AILT Datasheet HTML 5Page - STMicroelectronics TSV6291AILT Datasheet HTML 6Page - STMicroelectronics TSV6291AILT Datasheet HTML 7Page - STMicroelectronics TSV6291AILT Datasheet HTML 8Page - STMicroelectronics TSV6291AILT Datasheet HTML 9Page - STMicroelectronics TSV6291AILT Datasheet HTML 10Page - STMicroelectronics TSV6291AILT Datasheet HTML 11Page - STMicroelectronics TSV6291AILT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Electrical characteristics
TSV6290, TSV6290A, TSV6291, TSV6291A
8/23
Doc ID 17117 Rev 1
en
Equivalent input noise voltage
f = 1 kHz
70
THD
Total harmonic distortion
Av = -10, fin = 1 kHz, RL=
100 k
Ω,
Vicm = Vcc/2, Vin = 40 mVpp
0.15
%
1.
Guaranteed by design.
Table 6.
VCC+ = +5 V, VCC- = 0 V, Vicm = VCC/2, Tamb = 25° C, RL connected to VCC/2
(unless otherwise specified) (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit
nV
Hz
------------
Table 7.
Shutdown characteristics VCC = 5 V (TSV6290)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
ICC
Supply current in shutdown
mode (all operators)
SHDN = VIL
550
nA
Tmin < Top < 85° C
200
nA
Tmin < Top < 125° C
1.5
µA
ton
Amplifier turn-on time
RL =5kΩ, Vout =VCC- to
VCC- +0.2V
300
ns
toff
Amplifier turn-off time
RL =5kΩ, Vout =VCC+ - 0.5 V to
VCC+ -0.7 V
30
ns
VIH
SHDN logic high
4.5
V
VIL
SHDN logic low
0.5
V
IIH
SHDN current high
SHDN =VCC+
10
pA
IIL
SHDN current low
SHDN =VCC-
10
pA
IOLeak
Output leakage in shutdown
mode
SHDN =VCC-
50
pA
Tmin < Top < Tmax
1nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com