Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV6291AILT Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSV6291AILT
Description  Micropower with high merit factor CMOS operational amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6291AILT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSV6291AILT Datasheet HTML 6Page - STMicroelectronics TSV6291AILT Datasheet HTML 7Page - STMicroelectronics TSV6291AILT Datasheet HTML 8Page - STMicroelectronics TSV6291AILT Datasheet HTML 9Page - STMicroelectronics TSV6291AILT Datasheet HTML 10Page - STMicroelectronics TSV6291AILT Datasheet HTML 11Page - STMicroelectronics TSV6291AILT Datasheet HTML 12Page - STMicroelectronics TSV6291AILT Datasheet HTML 13Page - STMicroelectronics TSV6291AILT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Electrical characteristics
TSV6290, TSV6290A, TSV6291, TSV6291A
10/23
Doc ID 17117 Rev 1
Figure 7.
Positive slew rate vs. supply
voltage in closed loop
Figure 8.
Negative slew rate vs. supply
voltage in closed loop
R
Load
=10k
Ω, C
Load
=100pF, A
CL
=−10
V
in
: from 0.5V to V
CC+
−0.5V
SR calculated from 10% to 90%
V
icm
=V
CC
/2
T=25°C
T=125°C
T=−40°C
Supply voltage (V)
T=25°C
R
Load
=10k
Ω, C
Load
=100pF, A
CL
=−10
V
in
: from V
CC+
−0.5V to 0.5V
SR calculated from 10% to 90%
V
icm
=V
CC
/2
T=125°C
T=−40°C
Supply voltage (V)
Figure 9.
Slew rate vs. supply voltage in open
loop
Figure 10.
Slew rate timing in open loop
Open loop configuration, T = 25 C
R
Load
=10k
Ω, C
Load
=100pF,
V
in
=1V
PP
, V
icm
=V
CC
/2
SR calculated from 0.5V to V
CC
-0.5V
Supply voltage (V)
Open loop,R
Load
=10k
Ω
C
Load
=100pF, V
icm
=V
CC
/2
T=25°C, V
CC
=5V, V
in
= 1V
PP
Time (µs)
Figure 11.
Slew rate timing in closed loop
Figure 12.
Noise at VCC = 5 V
V
in
V
out
R
Load
=10k
Ω, C
Load
=100pF,
V
icm
=V
CC
/2, A
CL
=−10
T=25°C, V
CC
=5V
Time (µs)
V
cc
=5V
T=25 C
V
icm
=4.5V
V
icm
=2.5V
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com