Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV6291AILT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSV6291AILT
Description  Micropower with high merit factor CMOS operational amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6291AILT Datasheet(HTML) 1 Page - STMicroelectronics

  TSV6291AILT Datasheet HTML 1Page - STMicroelectronics TSV6291AILT Datasheet HTML 2Page - STMicroelectronics TSV6291AILT Datasheet HTML 3Page - STMicroelectronics TSV6291AILT Datasheet HTML 4Page - STMicroelectronics TSV6291AILT Datasheet HTML 5Page - STMicroelectronics TSV6291AILT Datasheet HTML 6Page - STMicroelectronics TSV6291AILT Datasheet HTML 7Page - STMicroelectronics TSV6291AILT Datasheet HTML 8Page - STMicroelectronics TSV6291AILT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
March 2010
Doc ID 17117 Rev 1
1/23
23
TSV6290, TSV6290A, TSV6291, TSV6291A
Micropower with high merit factor CMOS operational amplifiers
Features
■ Low supply voltage: 1.5 V – 5.5 V
■ Rail-to-rail input and output
■ Low input offset voltage: 800 µV max
(A version)
■ Low power consumption: 29 µA typical
■ Gain bandwidth product: 1.3 MHz typical
■ Stable when used in gain configuration
■ Micropackages: SC70-5/6, SOT23-5/6
■ Low input bias current: 1 pA typical
■ Extended temperature range: -40 to +125°C
■ 4 kV human body model
Applications
■ Battery-powered applications
■ Portable devices
■ Signal conditioning
■ Active filtering
■ Medical instrumentation
Description
The TSV6290 and the TSV6291 are single
operational amplifiers with a high bandwidth while
consuming only 29 µA. They must be used in a
gain configuration (G<-3, G>+4).
With a very low input bias current and low offset
voltage (800 µV maximum for the A version), the
TSV629x family of devices is ideal for applications
requiring precision. The devices can operate at a
power supply ranging from 1.5 to 5.5 V, and
therefore suit battery-powered devices, extending
battery life.
The TSV6290 comes with a shutdown function.
The TSV6290 and TSV6291 present a high
tolerance to ESD, sustaining 4 kV for the human
body model.
Additionally, the TSV6290 and TSV6291 are
offered in SC70-5/6 and SOT23-5/6
micropackages, with extended temperature
ranges from -40° C to +125° C.
All these features make the TSV629x ideal for
sensor interfaces, battery-supplied and portable
applications, as well as active filtering.
TSV6291ICT/ILT
SC70-5/SOT23-5
TSV6290ICT/ILT
SC70-6/SOT23-6
V
CC-
In+
In-
Out
1
2
3
5
4
+
_
V
CC+
V
CC-
In+
In-
Out
1
2
3
5
4
+
_
V
CC+
V
CC-
In+
In-
Out
1
2
3
6
4
+
_
5 SHDN
V
CC+
www.st.com


Similar Part No. - TSV6291AILT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV6292-3-4-5 STMICROELECTRONICS-TSV6292-3-4-5 Datasheet
917Kb / 25P
Micropower, wide bandwidth CMOS operational amplifiers
01-Mar-2010
TSV6292AID/DT STMICROELECTRONICS-TSV6292AID/DT Datasheet
917Kb / 25P
Micropower, wide bandwidth CMOS operational amplifiers
01-Mar-2010
TSV6292AIST STMICROELECTRONICS-TSV6292AIST Datasheet
917Kb / 25P
Micropower, wide bandwidth CMOS operational amplifiers
01-Mar-2010
TSV6292ID/DT STMICROELECTRONICS-TSV6292ID/DT Datasheet
917Kb / 25P
Micropower, wide bandwidth CMOS operational amplifiers
01-Mar-2010
TSV6292ILT STMICROELECTRONICS-TSV6292ILT Datasheet
917Kb / 25P
Micropower, wide bandwidth CMOS operational amplifiers
01-Mar-2010
More results

Similar Description - TSV6291AILT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336 Datasheet
275Kb / 8P
SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Analog Devices
AD8502 AD-AD8502_07 Datasheet
697Kb / 16P
1 關A Micropower CMOS Operational Amplifiers
REV. 0
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TSV629X STMICROELECTRONICS-TSV629X Datasheet
917Kb / 25P
Micropower, wide bandwidth CMOS operational amplifiers
01-Mar-2010
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8504ARUZ AD-AD8504ARUZ Datasheet
525Kb / 16P
1 muA Micropower CMOS Operational Amplifiers
REV. A
logo
Texas Instruments
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
logo
Unisonic Technologies
OPA2336 UTC-OPA2336_15 Datasheet
157Kb / 6P
SINGLE-SUPPLY MICROPOWER CMOS OPERATIONAL AMPLIFIERS
OPA2336 UTC-OPA2336_17 Datasheet
140Kb / 6P
SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com